Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HCT253 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HCT253
Description  Dual 4-Channel TRI-STATE-R Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HCT253 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HCT253 Datasheet HTML 1Page - National Semiconductor (TI) MM54HCT253 Datasheet HTML 2Page - National Semiconductor (TI) MM54HCT253 Datasheet HTML 3Page - National Semiconductor (TI) MM54HCT253 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCC e 5V TA e 25 C tr e tf e 6 ns CL e 15 pF
Symbol
Parameter
Conditions
Typ
Units
tPHL tPLH
Maximum Propagation
23
ns
Delay Select A or B to Y
tPHL tPLH
Maximum Propagation
20
ns
Delay any Data to Y
tPZH tPZL
Maximum Output Enable Time
RL e 1k
15
ns
Y Output to a Logic Level
tPHZ tPLZ
Maximum Output Disable Time
RL e 1k
11
ns
Y Output to High Impedance State
AC Electrical Characteristics CL e 50 pF tr e tf e 6 ns (unless otherwise specified)
TA e 25 C
74HC
54HC
Symbol
Parameter
Conditions
TA eb40 Cto85 CTA e 55 Cto125 C
Units
Min Typ Max
Min
Max
Min
Max
tPHL tPLH Maximum Propagation
26
40
50
60
ns
Delay Select A or B to Y
tPHL tPLH Maximum Propagation
24
35
44
53
ns
Delay and Data to Y
tPZH tPZL Maximum Output Enable Time RL e 1kX
19
26
33
39
ns
tPHZ tPLZ Maximum Output Disable Time RL e 1kX
13
20
25
30
ns
tTHL tTLH Maximum Output Rise
8
15
19
22
ns
and Fall Time
CIN
Maximum Input Capacitance
5
10
10
10
pF
CPD
Power Dissipation
(per package)
Capacitance (Note 5)
Output Enabled
90
pF
Outputs Disabled
25
pF
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC 2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
Logic Diagram
TLF8434 – 2
3


Similar Part No. - MM54HCT253

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HCT251 NSC-MM54HCT251 Datasheet
99Kb / 4P
   8-Channel TRI-STATE-R Multiplexer
More results

Similar Description - MM54HCT253

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC253 NSC-MM74HC253 Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
MM54HCT251 NSC-MM54HCT251 Datasheet
99Kb / 4P
   8-Channel TRI-STATE-R Multiplexer
DM74LS353 NSC-DM74LS353 Datasheet
106Kb / 6P
   Dual 4-Input Multiplexer with TRI-STATE-R Outputs
54F253DM NSC-54F253DM Datasheet
168Kb / 8P
   Dual 4-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC253 TI1-54AC253 Datasheet
198Kb / 10P
[Old version datasheet]   Dual 4-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
54AC253 NSC-54AC253 Datasheet
153Kb / 8P
   Dual 4-Input Multiplexer with TRI-STATE Outputs
logo
STMicroelectronics
M54HC153 STMICROELECTRONICS-M54HC153 Datasheet
260Kb / 12P
   HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
M74HC253 STMICROELECTRONICS-M74HC253 Datasheet
355Kb / 11P
   DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
logo
Toshiba Semiconductor
TC74HC153AP TOSHIBA-TC74HC153AP_07 Datasheet
370Kb / 10P
   Dual 4-Channel Multiplexer with 3-State Output
logo
Texas Instruments
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com