Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62463 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M62463
Description  Dolby Pro Logic Surround Decoder
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62463 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M62463 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62463 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62463 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62463 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62463 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62463 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62463 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62463 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62463 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ELECTRIC
MITSUBISHI
PRELIMINARY
Notice ;
This is
not a final
specification.
some parametric
limits are
subject
to change.
M62463AFP
Dolby Pro Logic Surround Decoder
MITSUBISHI SOUND PROCESSORS
(
/
)
17
ELECTRICAL CHARACTERISTICS
Total
Symbol
Parameter
Units
Limits
Min
Typ
Max
Test conditions
Icc
Circuit current
IDD
Circuit current
No signal
No signal
Auto-Balance
CPR
Capture range
CER
Error collection
mA
mA
dB
dB
Adaptive Matrix
VoL
Output level accuracy relative to Cch
L, R, Sch output
MR
Matrix rejection
L, R, C, Sch output
THDAM
Total harmonic distortion
L, R, Cch output
HRAM
Head room
L, R, C, Sch output
SNAM
S/N ratio
30kHzLPF
Rg=0
Ω,weighted CCIR/ARM
Noise Sequencer
Vno
Output noise level
Vno
Noise level accuracy relative to Cch
dB
dB
L, R, Sch output
Modified B Noise Reduction
VGNR
Gain between input and output
Vin=0dBd,f=100Hz
DEC1
DEC2
DEC3
DEC4
Decode character 1
Decode character 2
Decode character 3
Decode character 4
THDNR
SNNR
Rg=0
Ω ,weighted CCIR/ARM
Vin=0dBd,f=1.0kHz
Vin=-15dBd,f=1.4kHz
Vin=-20dBd,f=1.4kHz
Vin=-40dBd,f=5.0kHz
Vin=0dBd,f=1kHz
HRNR
Head room
THD=1%
S/N ratio
%
dB
dB
dB
dB
Cch/Sch Master Volume
ATTmax
Maximum attenuator
dB
-95
ATT=-
∞,Vi=2Vrms
25
13
5
4
dB
dB
dB
%
dB
0
40
17
0.05
80
-12.5
0
5.1
-0.1
-1.5
-3.4
-5.3
0.07
17
78
(Ta=25 C,Vcc=9V,Vdd=5V ,Cch volume=0dB,at C-OUT 0dBd=300mVrms,f=1kHz unless otherwise noted)
4ch mode
(Sch Volume=0dB, 0dB reference is 300mVrms/100Hz at S-Out)
dB
Volume step
0
VOLS1
Line(Bypass mode)
THDLN
L,Rch output
0.002
%
SNLN
S/N ratio
L,Rch output
100
dB
6
Total harmonic distortion
Total harmonic distortion
40
25
-0.5
0.5
25
15
0.2
70
L, R, C, Sch output
-15
-10
-0.5
0.5
-1.6
1.4
-3.0
0
-4.9
-1.9
-6.8
-3.8
0.3
15
68
-87
ATTmin
Minimum attenuator
ATT=0dB
-3.0
3.0
1.0
dB
0.05
dB
95
80
70
dB
CTLN
Line cross-talk
L input/R output , R input/L output
Zi
Input impedance
22
11
44
k
30kHzLPF
30kHzLPF
CTVOL
Volume cross-talk
83
68
dB
ATT=0 to -40dB
0.5
1.5
Volume step
VOLS2
1.0
ATT=-40 to -87dB
0.2
1.8
R input/CVOL,SVOL output
VnoVOL
Output noise voltage
ATT=-
2.6
5.2
µVrms


Similar Part No. - M62463

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
More results

Similar Description - M62463

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
   Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com