Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6125 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6125
Description  Digitally programmable 65 and 81 multiplex rate LCD Controller and Driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6125 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6125 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
EM6125
Copyright
 2001, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
5 Timing Characteristics
VSS1,2 = 0V, VDD1 = VDD2 = 1.8V, VHV = 2.4V, TA = -40°C to +85 °C unless otherwise specified.
Parameter
Symbol
Test conditions
Min.
Typ.
Max.
Units
Internal frame frequency
for LCD refresh
fFR
(note 1)
75 x
mux
Hz
Minimum reset pulse width
tRW
70
ns
I2C timing characteristics
SCL frequency
fI2C
1600
kHz
SCL low period
tLOW
350
ns
SCL high period
tHIGH
100
ns
SDA setup time
tSUDAT
10
ns
SDA hold time
tHDDAT
20
ns
SCL and SDA rise time
tR
200
ns
SCL and SDA fall time
tF
200
ns
Setup time for a repeated
start condition
tSUSTA
20
ns
Hold time for a
start condition
tHDSTA
20
ns
Setup time for a
stop condition
tSUSTO
20
ns
Spike width on SCL and SDA
tSW
20
ns
Time before a new transmission can start
tBUF
100
ns
Capacitive bus line load
Cb
400
pF
Serial bus timing characteristics
SCL frequency
fSER
4MHz
SCL low period
tCL
70
ns
SCL high period
tCH
130
ns
SDA setup time
tDS
20
ns
SDA hold time
tDH
50
ns
SCL rise time
tCR
200
ns
SCL fall time
tCF
200
ns
CS setup time
tSUCS
10
ns
CS hold time
tHDCS
130
ns
Time before a new transmission can
start, CS minimum high time.
tBUFCS
70
ns
Note 1: Measured on pad FR.


Similar Part No. - EM6125

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM61200 EMC-EM61200 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
EM Microelectronic - MA...
EM6121 EMMICRO-EM6121 Datasheet
178Kb / 1P
   26, 18, 10 & 2 MUX LCD Controller and Driver Character Generator ROM and RAM inside
EM6124 EMMICRO-EM6124 Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
EM6124V1WP15E EMMICRO-EM6124V1WP15E Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
EM6124V2WP15E EMMICRO-EM6124V2WP15E Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
More results

Similar Description - EM6125

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6124 EMMICRO-EM6124 Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
EM6126 EMMICRO-EM6126 Datasheet
293Kb / 1P
   81 and 65 MUX LCD Controller and Driver High Uniformity of Contrast and no external components
V6123 EMMICRO-V6123 Datasheet
701Kb / 19P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6118 EMMICRO-V6118 Datasheet
1Mb / 15P
   2, 4 and 8 Multiplex LCD Driver
logo
NEC
UPD7225 NEC-UPD7225 Datasheet
289Kb / 52P
   PROGRAMMABLE LCD CONTROLLER/DRIVER
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
   81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
Sitronix Technology Co....
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
   81 x 132 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
   81 x 128 single-chip LCD controller/driver
logo
LDT Co., Ltd
LD3811 LDT-LD3811 Datasheet
1Mb / 28P
   Dot Matrix LCD Controller and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com