Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7261Q Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA7261Q
Description  짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7261Q Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA7261Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
MMA7261Q
BASIC CONNECTIONS
Pin Descriptions
Figure 4. Pinout Description
Figure 5. Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 6. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
1. Use 0.1 µF capacitor on VDD to decouple the power
source. Do not exceed capacitor values of 2.2 or 3.3
µF on VDD-GND.
2. Physical coupling distance of the accelerometer to
the microcontroller should be minimal.
3. Flag underneath package is connected to ground.
4. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 6.
5. Use an RC filter with 1.0 k
Ω and 0.1 µF on the
outputs of the accelerometer to minimize clock noise
(from the switched capacitor filter circuit).
6. PCB layout of power and ground should not couple
power supply noise.
7. Accelerometer and microcontroller should not be a
high current path.
8. A/D sampling rate and any external power supply
switching frequency should be selected such that
they do not interfere with the internal accelerometer
sampling frequency (11 kHz for the sampling
frequency). This will prevent aliasing errors.
Table 4. Pin Descriptions
Pin No.
Pin Name
Description
1
g-Select1
Logic input pin to select g level.
2
g-Select2
Logic input pin to select g level.
3VDD
Power Supply Input
4VSS
Power Supply Ground
5 - 7
N/C
No internal connection.
Leave unconnected.
8 - 11
N/C
Unused for factory trim.
Leave unconnected.
12
Sleep Mode
Logic input pin to enable product or
Sleep Mode.
13
ZOUT
Z direction output voltage.
14
YOUT
Y direction output voltage.
15
XOUT
X direction output voltage.
16
N/C
No internal connection.
Leave unconnected.
Top View
15
16
14 13
12
11
10
1
2
3
4
56
7
8
9
g-Select1
NC
NC
NC
g-Select2
VDD
VSS
Sleep Mode
Sleep Mode
VDD
VSS
0.1
µF
3
4
VDD
0.1
µF
14
0.1
µF
15
12
XOUT
YOUT
1 k
1 k
Logic
Input
2
1
0.1
µF
13
ZOUT
1 k
Logic
Inputs
g-Select2
g-Select1
MMA7261Q
POWER SUPPLY
VDD
VSS
Sleep Mode
g-Select1
g-Select2
XOUT
YOUT
ZOUT
VDD
VSS
VRH
P0
P1
P2
A/DIN
A/DIN
A/DIN
C
C
C
R
R
R
C
C
C
C
C


Similar Part No. - MMA7261Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7261QR2 FREESCALE-MMA7261QR2 Datasheet
284Kb / 11P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QR2 FREESCALE-MMA7261QR2 Datasheet
336Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QR2 FREESCALE-MMA7261QR2 Datasheet
195Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7261QR2 NXP-MMA7261QR2 Datasheet
245Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
Rev 3, 09/2007
logo
Freescale Semiconductor...
MMA7261QT FREESCALE-MMA7261QT Datasheet
284Kb / 11P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA7261Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7261QT FREESCALE-MMA7261QT_07 Datasheet
336Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT_08 Datasheet
195Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT Datasheet
284Kb / 11P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7261QT NXP-MMA7261QT Datasheet
245Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
Rev 3, 09/2007
logo
Freescale Semiconductor...
MMA6281QT FREESCALE-MMA6281QT_07 Datasheet
327Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
MMA6271QT FREESCALE-MMA6271QT Datasheet
281Kb / 11P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6281QT NXP-MMA6281QT Datasheet
243Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
logo
Freescale Semiconductor...
MMA6271QT FREESCALE-MMA6271QT_07 Datasheet
313Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6271QT NXP-MMA6271QT Datasheet
241Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
logo
Freescale Semiconductor...
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
   ,-1.5g Three Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com