Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7261Q Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA7261Q
Description  짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7261Q Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

  MMA7261Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7261Q Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
MMA7261Q
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package.
With the correct footprint, the packages will self-align when
subjected to a solder reflow process. It is always
recommended to design boards with a solder mask layer to
avoid bridging and shorting between solder pads.
PACKAGE DIMENSIONS
For the most current package revision, visit www.freescale.com and perform a keyword search using the “98A” listed below.
Solder areas
Pin 1 ID (non metallic)
9
12
4.25
6.0
14
1.00
0.55
NOTES:
1.
2.
3.
4.
5.
6.
7.
ALL DIMENSIONS ARE IN MILLIMETERS.
INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
THIS DIMENSION APPLIES TO METALLIZED
TERMINAL AND IS MEASURED BETWEEN 0.25MM
AND 0.30MM FROM TERMINAL TIP.
THIS DIMENSION REPRESENTS TERMINAL FULL
BACK FROM PACKAGE EDGE UP TO 0.1MM IS
ACCEPTABLE.
COPLANARITY APPLIES TO THE EXPOSED HEAT
SLUG AS WELL AS THE TERMINAL.
RADIUS ON TERMINAL IS OPTIONAL.
MINIMUM METAL GAP 0.2MM.
(45˚)
16X
0.1
4
DETAIL M
PIN 1
INDEX AREA
6
B
C
0.10
2X
2X
C
0.10
A
6
M
M
(0.203)
C
0.1
C
0.08
C SEATING PLANE
5
DETAIL G
VIEW ROTATED 90˚ CLOCKWISE
(1)
(0.5)
(0.102)
1.45±0.1
EXPOSED DIE
ATTACH PAD
13
4
1
16
12X
9
12
85
M
0.1
C
M
0.05
C
A B
16X 0.63
0.43
C
0.1
A B
VIEW M-M
DETAIL M
PIN 1 INDEX
DETAIL G
C
0.1
A B
16X
0.60
0.40
1
4.24
4.04
4.24
4.04
0.5
3
98ASA10651D
ISSUE O
16-LEAD QFN


Similar Part No. - MMA7261Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7261QR2 FREESCALE-MMA7261QR2 Datasheet
284Kb / 11P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QR2 FREESCALE-MMA7261QR2 Datasheet
336Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QR2 FREESCALE-MMA7261QR2 Datasheet
195Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7261QR2 NXP-MMA7261QR2 Datasheet
245Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
Rev 3, 09/2007
logo
Freescale Semiconductor...
MMA7261QT FREESCALE-MMA7261QT Datasheet
284Kb / 11P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA7261Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7261QT FREESCALE-MMA7261QT_07 Datasheet
336Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT_08 Datasheet
195Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT Datasheet
284Kb / 11P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7261QT NXP-MMA7261QT Datasheet
245Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
Rev 3, 09/2007
logo
Freescale Semiconductor...
MMA6281QT FREESCALE-MMA6281QT_07 Datasheet
327Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
MMA6271QT FREESCALE-MMA6271QT Datasheet
281Kb / 11P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6281QT NXP-MMA6281QT Datasheet
243Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
logo
Freescale Semiconductor...
MMA6271QT FREESCALE-MMA6271QT_07 Datasheet
313Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6271QT NXP-MMA6271QT Datasheet
241Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
logo
Freescale Semiconductor...
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
   ,-1.5g Three Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com