Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9709ECB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9709ECB
Description  25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9709ECB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9709ECB Datasheet HTML 1Page - Maxim Integrated Products MAX9709ECB Datasheet HTML 2Page - Maxim Integrated Products MAX9709ECB Datasheet HTML 3Page - Maxim Integrated Products MAX9709ECB Datasheet HTML 4Page - Maxim Integrated Products MAX9709ECB Datasheet HTML 5Page - Maxim Integrated Products MAX9709ECB Datasheet HTML 6Page - Maxim Integrated Products MAX9709ECB Datasheet HTML 7Page - Maxim Integrated Products MAX9709ECB Datasheet HTML 8Page - Maxim Integrated Products MAX9709ECB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
25W/50W, Filterless, Spread-Spectrum,
Stereo/Mono, Class D Amplifier
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(PVDD = VDD = +20V, PGND = GND = 0V, CSS = 0.47µF, CREG = 0.01µF, C1 = 0.1µF, C2 = 1µF, RLOAD =
∞, MONO = low (stereo
mode), SHDN = MUTE = high, G1 = low, G2 = high (AV = 22dB), FS1 = FS2 = high (SSM), SYNCIN = low. All load resistors (RL) are
connected between OUT_+ and OUT_-, unless otherwise stated. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA
= +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
G1 = 0, G2 = 1
21.6
22.0
22.3
G1 = 1, G2 = 1
24.9
25.0
25.6
G1 = 1, G2 = 0
29.2
29.5
29.9
Gain
AV
G1 = 0, G2 = 0
35.9
36.0
36.6
dB
TH2
TH1
TH0
00
0
80
00
1
90
0
1
0
100
0
1
1
110
1
0
0
120
1
0
1
129
1
1
0
139
TEMP Flag Threshold
TFLAG
11
1
°C
TEMP Flag Accuracy
From +80°C to +140°C
±6
°C
TEMP Flag Hysteresis
2°C
STEREO MODE (RLOAD = 8
Ω, Note 3)
MUTE = 1, RLOAD =
20
33
Quiescent Current
MUTE = 0
6.5
13
mA
PVDD = 20V
25
PVDD = 22V
29
Output Power
POUT
f = 1kHz, THD =
10%, TA = +25°C
PVDD = 12V,
RLOAD = 4
15
W
Total Harmonic Distortion Plus
Noise
THD+N
f = 1kHz, BW = 22Hz to 22kHz,
POUT = 12W
0.1
%
22Hz to 22kHz
91
Signal-to-Noise Ratio
SNR
POUT = 10W
A-weighted
96
dB
Efficiency
η
POUT = 25W + 25W, f = 1kHz
87
%
Left-Right Channel Gain
Matching
RLOAD =
0.2
%


Similar Part No. - MAX9709ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9709ETN++ MAXIM-MAX9709ETN+ Datasheet
1Mb / 20P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results

Similar Description - MAX9709ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
   6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
logo
STMicroelectronics
TDA7490 STMICROELECTRONICS-TDA7490 Datasheet
193Kb / 10P
   25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com