Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843-75 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS843-75
Description  75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843-75 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS843-75 Datasheet HTML 4Page - Integrated Circuit Systems ICS843-75 Datasheet HTML 5Page - Integrated Circuit Systems ICS843-75 Datasheet HTML 6Page - Integrated Circuit Systems ICS843-75 Datasheet HTML 7Page - Integrated Circuit Systems ICS843-75 Datasheet HTML 8Page - Integrated Circuit Systems ICS843-75 Datasheet HTML 9Page - Integrated Circuit Systems ICS843-75 Datasheet HTML 10Page - Integrated Circuit Systems ICS843-75 Datasheet HTML 11Page - Integrated Circuit Systems ICS843-75 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
843AG-75
www.icst.com/products/hiperclocks.html
REV. A JANUARY 9, 2006
11
Integrated
Circuit
Systems, Inc.
ICS843-75
75MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
PACKAGE OUTLINE - G SUFFIX FOR 8 LEAD TSSOP
TABLE 8A. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MO-153
L
O
B
M
Y
S
s
r
e
t
e
m
i
l
l
i
M
m
u
m
i
n
i
Mm
u
m
i
x
a
M
N8
A-
-0
2
.
1
1
A5
0
.
05
1
.
0
2
A0
8
.
05
0
.
1
b9
1
.
00
3
.
0
c9
0
.
00
2
.
0
D0
9
.
20
1
.
3
EC
I
S
A
B
0
4
.
6
1
E0
3
.
40
5
.
4
eC
I
S
A
B
5
6
.
0
L5
4
.
05
7
.
0
α
°
8
a
a
a-
-0
1
.
0
PACKAGE OUTLINE - M SUFFIX FOR 8 LEAD SOIC
TABLE 8B. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-012
L
O
B
M
Y
S
s
r
e
t
e
m
i
l
l
i
M
M
U
M
I
N
I
MM
U
M
I
X
A
M
N8
A5
3
.
15
7
.
1
1
A0
1
.
05
2
.
0
B3
3
.
01
5
.
0
C9
1
.
05
2
.
0
D0
8
.
40
0
.
5
E0
8
.
30
0
.
4
eC
I
S
A
B
7
2
.
1
H0
8
.
50
2
.
6
h5
2
.
00
5
.
0
L0
4
.
07
2
.
1
α
°
8


Similar Part No. - ICS843-75

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843-106 ICST-ICS843-106 Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
More results

Similar Description - ICS843-75

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843I-75 ICST-ICS843I-75 Datasheet
192Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843-106 ICST-ICS843-106 Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS840-75 ICST-ICS840-75 Datasheet
168Kb / 9P
   75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS83032I ICST-ICS83032I Datasheet
140Kb / 10P
   75MHZ, 3-RD OVERTONE OSCILLATOR W/DUAL LVCMOS/LVTTL OUTPUTS
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Raltron Electronics Cor...
SY02-MFTC RALTRON-SY02-MFTC Datasheet
296Kb / 5P
   LOW IN/OUTPUT FREQUENCY CLOCK REGENERATOR LVPECL/LVCMOS OUTPUT
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com