Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS556-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS556-01
Description  BROADCOM 25 MHZ LVDS CLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS556-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS556-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MDS 556-01 B
4
Revision 020204
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
Broadcom 25 MHz LVDS Clock
ICS556-01
DC Electrical Characteristics
VDD=2.5 V ±5% , Ambient temperature 0 to +70
°C, unless stated otherwise
Note 1: Outputs terminated with 50
Ω to VDD/2
AC Electrical Characteristics
VDD = 2.5 V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Output High Voltage
VOH
Note 1
1.375
V
Output Low Voltage
VOL
Note 1
1.125
V
Output High Voltage (CMOS
Level)
VOH
IOH = -4 mA
VDD-0.4
V
Operating Supply Current
IDD
No load, OE = 1
5.3
mA
No load, OE = 0
1.7
mA
Parameter
Conditions
Min.
Typ.
Max. Units
Input Frequency
25
MHz
Output Frequency
25
MHz
Differential Output Voltages (VOD)
250
350
450
mV
∆ V
OD
VOD Magnitude Change
-40
0
40
mV
Offset Voltage (VOS)
1.125
1.25
1.375
V
∆ V
OS
VOS Magnitude Change
3
25
mV
Differential Output Short Circuit Current (IOSD)-3.5
mA
Output Short Circuit Current (IOS)-3.5
mA
Output Rise Time
20% to 80%, no load
0.8
1.2
ns
Output Fall Time
20% to 80%, no load
0.8
1.2
ns
Output Clock Duty Cycle
Measured at 1.25 V,
CL=5 pF
45
50
55
%
Maximum Output Jitter (p-p)
CL=5 pF
40
ps
Phase Jitter (RMS)
Phase Noise integrated
from 10 kHz to 10 MHz
1.8
2.5
ps


Similar Part No. - ICS556-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS556-03 ICST-ICS556-03 Datasheet
163Kb / 8P
   QUAD LVDS OSCILLATOR/BUFFER
ICS556-03I ICST-ICS556-03I Datasheet
163Kb / 8P
   QUAD LVDS OSCILLATOR/BUFFER
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results

Similar Description - ICS556-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
logo
Integrated Circuit Syst...
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
   Broadcom Clock Source
logo
TXC Corporation.
DF-SERIES TXC-DF-SERIES Datasheet
932Kb / 1P
   LVDS output, output frequencies 25 MHz to 200 MHz.
logo
Integrated Circuit Syst...
ICS650-11B ICST-ICS650-11B Datasheet
70Kb / 4P
   BroadCom Networking Clock Synthesizer
logo
TXC Corporation.
DE-SERIES TXC-DE-SERIES Datasheet
941Kb / 1P
   LVDS output, output frequencies 25 MHz to 200 MHz.
logo
Cypress Semiconductor
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
   100 MHz LVDS Clock Generator Output frequency: 100 MHz
CY24942 CYPRESS-CY24942 Datasheet
736Kb / 19P
   25 MHz Crystal or Clock Input
logo
Motorola, Inc
MPC9259 MOTOROLA-MPC9259 Datasheet
300Kb / 12P
   900 MHz LOW VOLTAGE LVDS CLOCK SYNTHESIZER
logo
Cypress Semiconductor
CY26187-2 CYPRESS-CY26187-2 Datasheet
184Kb / 6P
   Broadcom Reference Design Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com