Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843AG-106LFT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS843AG-106LFT
Description  106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843AG-106LFT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS843AG-106LFT Datasheet HTML 1Page - Integrated Circuit Systems ICS843AG-106LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS843AG-106LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS843AG-106LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS843AG-106LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS843AG-106LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS843AG-106LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS843AG-106LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS843AG-106LFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
843AG-106
www.icst.com/products/hiperclocks.html
REV. A JANUARY 10, 2006
3
Integrated
Circuit
Systems, Inc.
ICS843-106
106.25MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCO = 3.3V±0.3V, T
A
= 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5 V
Outputs, V
O (LVCMOS)
-0.5V to V
CCO + 0.5V
Outputs, I
O (LVPECL)
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
8 Lead TSSOP
101.7°C/W (0 mps)
8 Lead SOIC
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 3B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = VCCO = 3.3V±0.3V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
6
.
2V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
C
C
,
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
.
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
V
3
.
3
"
TABLE 3C. LVPECL DC CHARACTERISTICS, V
CC = VCCO = 3.3V±0.3V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
O
C
C
4
.
1
-V
O
C
C
9
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
O
C
C
0
.
2
-V
O
C
C
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
C
C
.
V
2
-
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
0
.
33
.
36
.
3V
V
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
0
.
33
.
36
.
3V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
6
1
1A
m
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
6
9A
m
I
O
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
4
2A
m


Similar Part No. - ICS843AG-106LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843AG-75 ICST-ICS843AG-75 Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AG-75LF ICST-ICS843AG-75LF Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AG-75LFT ICST-ICS843AG-75LFT Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AG-75T ICST-ICS843AG-75T Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
More results

Similar Description - ICS843AG-106LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843-75 ICST-ICS843-75 Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843I-75 ICST-ICS843I-75 Datasheet
192Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Raltron Electronics Cor...
SY02-MFTC RALTRON-SY02-MFTC Datasheet
296Kb / 5P
   LOW IN/OUTPUT FREQUENCY CLOCK REGENERATOR LVPECL/LVCMOS OUTPUT
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Integrated Device Techn...
8536-02 IDT-8536-02 Datasheet
336Kb / 18P
   Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
logo
Nippon Precision Circui...
CF5036 NPC-CF5036 Datasheet
95Kb / 10P
   2.5V LVPECL Output Oscillator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com