Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843AMI-75LF Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS843AMI-75LF
Description  75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843AMI-75LF Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS843AMI-75LF Datasheet HTML 1Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 2Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 3Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 4Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 5Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 6Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 7Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 8Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
843AG-106
www.icst.com/products/hiperclocks.html
REV. A JANUARY 10, 2006
3
Integrated
Circuit
Systems, Inc.
ICS843-106
106.25MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCO = 3.3V±0.3V, T
A
= 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5 V
Outputs, V
O (LVCMOS)
-0.5V to V
CCO + 0.5V
Outputs, I
O (LVPECL)
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
8 Lead TSSOP
101.7°C/W (0 mps)
8 Lead SOIC
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 3B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = VCCO = 3.3V±0.3V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
6
.
2V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
C
C
,
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
.
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
V
3
.
3
"
TABLE 3C. LVPECL DC CHARACTERISTICS, V
CC = VCCO = 3.3V±0.3V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
O
C
C
4
.
1
-V
O
C
C
9
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
O
C
C
0
.
2
-V
O
C
C
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
C
C
.
V
2
-
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
0
.
33
.
36
.
3V
V
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
0
.
33
.
36
.
3V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
6
1
1A
m
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
6
9A
m
I
O
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
4
2A
m


Similar Part No. - ICS843AMI-75LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843AM-106 ICST-ICS843AM-106 Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AM-106LF ICST-ICS843AM-106LF Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AM-106LFT ICST-ICS843AM-106LFT Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AM-106T ICST-ICS843AM-106T Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AM-75 ICST-ICS843AM-75 Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
More results

Similar Description - ICS843AMI-75LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843-75 ICST-ICS843-75 Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843-106 ICST-ICS843-106 Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS840-75 ICST-ICS840-75 Datasheet
168Kb / 9P
   75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS83032I ICST-ICS83032I Datasheet
140Kb / 10P
   75MHZ, 3-RD OVERTONE OSCILLATOR W/DUAL LVCMOS/LVTTL OUTPUTS
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Raltron Electronics Cor...
SY02-MFTC RALTRON-SY02-MFTC Datasheet
296Kb / 5P
   LOW IN/OUTPUT FREQUENCY CLOCK REGENERATOR LVPECL/LVCMOS OUTPUT
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com