Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS558G-01T Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS558G-01T
Description  PECL/CMOS TO CMOS CLOCK DIVIDER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS558G-01T Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS558G-01T Datasheet HTML 1Page - Integrated Circuit Systems ICS558G-01T Datasheet HTML 2Page - Integrated Circuit Systems ICS558G-01T Datasheet HTML 3Page - Integrated Circuit Systems ICS558G-01T Datasheet HTML 4Page - Integrated Circuit Systems ICS558G-01T Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PECL/CMOS TO CMOS CLOCK DIVIDER
MDS 558-01 C
5
Revision 122105
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS558-01
Package Outline and Package Dimensions (16-pin TSSOP, 4.40 mm Body, 0.65 mm Pitch)
Package dimensions are kept current with JEDEC Publication No. 95, MO-153
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS558G-01
ICS558G-01
Tubes
16-pin TSSOP
0 to +70
°C
ICS558G-01T
ICS558G-01
Tape and Reel
16-pin TSSOP
0 to +70
°C
ICS558G-01LF
558G-01LF
Tubes
16-pin TSSOP
0 to +70
°C
ICS558G-01LFT
558G-01LF
Tape and Reel
16-pin TSSOP
0 to +70
°C
INDEX
AREA
1 2
16
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS558G-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS558G-02 ICST-ICS558G-02 Datasheet
123Kb / 5P
   LVHSTL TO CMOS CLOCK DIVIDER
ICS558G-02T ICST-ICS558G-02T Datasheet
123Kb / 5P
   LVHSTL TO CMOS CLOCK DIVIDER
More results

Similar Description - ICS558G-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
logo
Integrated Circuit Syst...
ICS558-02 ICST-ICS558-02 Datasheet
123Kb / 5P
   LVHSTL TO CMOS CLOCK DIVIDER
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
ICS508 ICST-ICS508 Datasheet
49Kb / 5P
   PECL to CMOS Converter
logo
Motorola, Inc
MPC949 MOTOROLA-MPC949 Datasheet
127Kb / 6P
   LOW VOLTAGE 1:15 PECL TO CMOS CLOCK DRIVER
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
   Quad CMOS to PECL* Translator
1996 REV 5
MC10H352 ONSEMI-MC10H352_06 Datasheet
135Kb / 6P
   Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10H352 MICREL-SY10H352 Datasheet
59Kb / 5P
   QUAD CMOS-to-PECL TRANSLATOR
logo
ams AG
PECL_RX_C3 AMSCO-PECL_RX_C3 Datasheet
280Kb / 6P
   CMOS PECL Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com