Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8427-02 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8427-02
Description  500MHZ, LOW JITTER LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8427-02 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8427-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS8427-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS8427-02 Datasheet HTML 8Page - Integrated Circuit Systems ICS8427-02 Datasheet HTML 9Page - Integrated Circuit Systems ICS8427-02 Datasheet HTML 10Page - Integrated Circuit Systems ICS8427-02 Datasheet HTML 11Page - Integrated Circuit Systems ICS8427-02 Datasheet HTML 12Page - Integrated Circuit Systems ICS8427-02 Datasheet HTML 13Page - Integrated Circuit Systems ICS8427-02 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
8427DY-02
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 17, 2006
10
Integrated
Circuit
Systems, Inc.
ICS8427-02
500MHZ, LOW JITTER
LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
T50 CYCLE-TO-CYCLE JITTER
SPUR REDUCTION
PERIOD JITTER
OUTPUT SKEW
CYCLE-TO-CYCLE JITTER
2.5V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
LVHSTL
Qx
nQx
2.5V±5%
0V
tsk(o)
nFOUTx
FOUTx
nFOUTy
FOUTy
t jit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
FOUT0:5
nFOUT0:5
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
V
DD
GND
V
DDO
1.8V±0.2V
tjit (50) = Period n – Period n +50
Minimum 16,667 consective cycles
334 measurements
Period n
Period n + 50
Period n
+ 50 + 50
Frequency
Reference Spur
FOUT0:5
nFOUT0:5
V
DDA = 2.5V±5%


Similar Part No. - ICS8427-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8427-02 RENESAS-ICS8427-02 Datasheet
1Mb / 24P
   500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
More results

Similar Description - ICS8427-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8427-02 RENESAS-ICS8427-02 Datasheet
1Mb / 24P
   500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
logo
Integrated Circuit Syst...
ICS8422004I ICST-ICS8422004I Datasheet
188Kb / 13P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422002I ICST-ICS8422002I Datasheet
193Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004-01I ICST-ICS8422004-01I Datasheet
194Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
8422002I-07 IDT-8422002I-07 Datasheet
341Kb / 18P
   Femtoclock Crystal-To-LVHSTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430I-71B ICST-ICS8430I-71B Datasheet
169Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8430B-71 RENESAS-8430B-71 Datasheet
429Kb / 20P
   700MHZ, Low Jitter, Crystal Interface LVCMOS-to-3.3V LVPECL Frequency Synthesizer
November 30, 2015
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8422002I-07 RENESAS-8422002I-07 Datasheet
532Kb / 19P
   Femtoclock™ Crystal-To-LVHSTL Frequency Synthesizer
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com