Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS601R-25 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS601R-25
Description  LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601R-25 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS601R-25 Datasheet HTML 1Page - Integrated Circuit Systems ICS601R-25 Datasheet HTML 2Page - Integrated Circuit Systems ICS601R-25 Datasheet HTML 3Page - Integrated Circuit Systems ICS601R-25 Datasheet HTML 4Page - Integrated Circuit Systems ICS601R-25 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
MDS 601-25 C
5
Revision 071505
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS601-25
Package Outline and Package Dimensions (20-pin SSOP, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no
responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other
circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those
requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without
additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant
any ICS product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS601R-25
ICS601R-25
Tubes
20-pin SSOP
0 to +70
° C
ICS601R-25T
ICS601R-25
Tape and Reel
20-pin SSOP
0 to +70
° C
ICS601R-25I
ICS601R-25I
Tubes
20-pin SSOP
-40 to 85
° C
ICS601R-25IT
ICS601R-25I
Tape and Reel
20-pin SSOP
-40 to 85
° C
ICS601R-25LF
601R-25LF
Tubes
20-pin SSOP
0 to +70
° C
ICS601R-25LFT
601R-25LF
Tape and Reel
20-pin SSOP
0 to +70
° C
ICS601R-25ILF
601R-25ILF
Tubes
20-pin SSOP
-40 to 85
° C
ICS601R-25ILFT
601R-25ILF
Tape and Reel
20-pin SSOP
-40 to 85
° C
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
0.0098
A2
--
1.50
--
.059
b
0.20
0.30
0.008
0.012
C
0.18
0.25
.007
.010
D
8.55
8.75
.337
.344
E
5.80
6.20
.228
.244
E1
3.80
4.00
.1497
.1574
e
0.635 Basic
0.025 Basic
L
0.40
1.27
.016
.050
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS601R-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601 ICST-ICS601 Datasheet
7Kb / 1P
   ICS601 Demo Board Schematic
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
   LOW PHASE NOISE CLOCK MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
More results

Similar Description - ICS601R-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS601-25 RENESAS-ICS601-25 Datasheet
337Kb / 7P
   LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
121412
logo
Integrated Circuit Syst...
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
   LOW PHASE NOISE CLOCK MULTIPLIER
051310
logo
Integrated Device Techn...
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com