Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8431I-21 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS8431I-21
Description  350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431I-21 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS8431I-21 Datasheet HTML 7Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 9Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 10Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 11Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 12Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 13Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 14Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
8431AMI-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 2, 2005
11
Integrated
Circuit
Systems, Inc.
ICS8431I-21
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-
TO
-3.3V LVPECL FREQUENCY SYNTHESIZER
FIGURE 5B. PCB BOARD LAYOUT FOR ICS8431I-21
The following component footprints are used in this layout
example:
All the resistors and capacitors are size 0603.
POWER AND GROUNDING
Place the decoupling capacitors C1, C2 and C6, as close as
possible to the power pins. If space allows, placment of the
decoupling capacitor on the component side is preferred. This
can reduce unwanted inductance between the decoupling ca-
pacitor and the power pin generated by the via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power
and ground planes and the component power and ground pins.
The RC filter consisting of R5, C3, and C4 should be placed as
close to the V
CCA pin as possible.
CLOCK TRACES AND TERMINATION
Poor signal integrity can degrade the system performance or
cause system failure. In synchronous high-speed digital systems,
the clock signal is less tolerant to poor signal integrity than other
signals. Any ringing on the rising or falling edge or excessive ring
back can cause system failure. The shape of the trace and the
trace delay might be restricted by the available space on the board
and the component location. While routing the traces, the clock
signal traces should be routed first and should be locked prior to
routing other signal traces.
• The 50
Ω output trace pair should have same length.
• Avoid sharp angles on the clock trace. Sharp angle turns
cause the characteristic impedance to change on the
transmission lines.
• Keep the clock traces on the same layer. Whenever pos-
sible, avoid placing vias on the clock traces. Placement
of vias on the traces can affect the trace characteristic
impedance and hence degrade signal integrity.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is
unavoidable, allow a separation of at least three trace
widths between the differential clock trace and the other
signal trace.
• Make sure no other signal traces are routed between the
clock trace pair.
• The matching termination resistors should be located as
close to the receiver input pins as possible.
The matching termination resistors R1, R2, R3 and R4 should
be located as close to the receiver input pins as possible.
Other termination scheme can also be used but is not shown
in the example.
CRYSTAL
The crystal X1 should be located as close as possible to the pins
25 (XTAL_OUT) and 26 (XTAL_IN).The trace length between the
X1 and U1 should be kept to a minimum to avoid unwanted para-
sitic inductance and capacitance. Other signal traces should not
be routed near the crystal traces.
C4
Signals
X1
C3
VCC
GND
VIA
C1
Zo=50 Ohm
U1
Zo=50 Ohm
C2
C8
R5
C6
ICS8431-21
C7


Similar Part No. - ICS8431I-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-21 ICST-ICS8431-21 Datasheet
222Kb / 17P
   350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843101-312 ICST-ICS843101-312 Datasheet
183Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843101AG-312 ICST-ICS843101AG-312 Datasheet
183Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
More results

Similar Description - ICS8431I-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8431-21 ICST-ICS8431-21 Datasheet
222Kb / 17P
   350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329B RENESAS-84329B Datasheet
616Kb / 19P
   700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
07/29/14
84330-01 RENESAS-84330-01 Datasheet
503Kb / 20P
   700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer
5/26/16
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330CI ICST-ICS84330CI Datasheet
280Kb / 19P
   720MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com