Electronic Components Datasheet Search |
|
FX-104-CFC-A469 Datasheet(PDF) 11 Page - Vectron International, Inc |
|
FX-104-CFC-A469 Datasheet(HTML) 11 Page - Vectron International, Inc |
11 / 12 page Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com FX-104 Frequency Translator How to Order FX-104 - D F C - A 1 P 8 Supply Voltage C = 5 Vdc ±5% D = 3.3 Vdc ±5% Output Type F = Comp. PECL Temperature Range C = 0°C to +70°C F = -40°C to +85°C Output Frequency (6 to 9) See Frequency Chart Above *If not listed enter S in this block and then list the output frequencies after the part number. Input Frequency (C to 7) See Frequency Chart Above *If not listed or more than one frequency enter S in this block and then list all the input frequencies after the part number. Number of Input Frequencies 1 = 1 Input Frequency 2 = *2 Input Frequencies 3 = *3 Input Frequencies 4 = *4 Input Frequencies Input Logic A = HCMOS D = PECL *If not listed or more than one input frequency a special SCD number will be assigned at point of order. Part Number Examples: FX-104-DFC-D128 *FX-104-DFF-A4S2, S = 8 kHz, 19.44 MHz, 77.76 MHz, 155.52 MHz *FX-104-CFC-A1PS, S = 625 MHz 8 kHz C 16 kHz D 64 kHz E 1.024 MHz F 1.544 MHz H 2.048 MHz J 4.096 MHz K 8.192 MHz L 13.00 MHz M 16.384 MHz N 19.44 MHz P 20.48 MHz R 26.00 MHz T 27.00 MHz W 38.88 MHz X 44.736 MHz Y 51.84 MHz 0 61.44 MHz 1 77.76 MHz 2 82.944 MHz 3 112 MHz 4 139.264 MHz 5 155.52 MHz 6 166.6286 MHz 7 622.08 MHz 8 666.5143 MHz 9 Special SCD S Standard Frequencies |
Similar Part No. - FX-104-CFC-A469 |
|
Similar Description - FX-104-CFC-A469 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |