Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650GI-36 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS650GI-36
Description  Networking & PCI Clock Source
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650GI-36 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS650GI-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS650GI-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS650GI-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS650GI-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS650GI-36 Datasheet HTML 5Page - Integrated Circuit Systems ICS650GI-36 Datasheet HTML 6Page - Integrated Circuit Systems ICS650GI-36 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Networking & PCI Clock Source
MDS 650-36 D
5
Revision 030206
In te gr ated C i rcuit Syste m s
525 R ace Street, San Jose, CA 9 5126 tel (40 8) 29 7-120 1www.icst.com
ICS650-36
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
°C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
°C
Note 1: Measured with a 15 pF load.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.3
3.465
V
Supply Current
IDD
No load, PDTS=1
25
mA
Power Down Current
IDDPD
No load, PDTS=0
100
µA
Input High Voltage
VIH
PDTS, S2:0
2
V
Input Low Voltage
VIL
PDTS, S2:0
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.3
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Short Circuit Current
IOS
Clock outputs
±65
mA
Input Capacitance, inputs
CIN
5pF
Nominal Output Impedance
ZOUT
20
Internal Pull-up Resistor
RPU
PDTS, S2:0
500
k
Internal Pull-down Resistor
RPD
Outputs
250
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
25
MHz
Output Rise Time
tOR
20% to 80%, Note 1
0.8
ns
Output Fall Time
tOF
80% to 20%, Note 1
0.7
ns
Output Clock Duty Cycle
at VDD/2, Note 1
40
60
%
Absolute Clock Period Jitter
Note 1
±125
ps
Clock Jitter, Cycle-to-Cycle
33.333M, 66.666M,
Note 1
150
ps
Clock Jitter, Long Term
25M, n=1000, Note1
900
ps
Frequency Synthesis Error
0
ppm
Output Enable Time
tOE
PDTS high to output
locked to ±1%
350
µs
Output Disable Time
tOD
PDTS low to tri-state
25
ns


Similar Part No. - ICS650GI-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650GI-41LF ICST-ICS650GI-41LF Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650GI-41LFT ICST-ICS650GI-41LFT Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650GI-44 ICST-ICS650GI-44 Datasheet
176Kb / 10P
   Spread Spectrum Clock Synthesizer
ICS650GI-44LF ICST-ICS650GI-44LF Datasheet
176Kb / 10P
   Spread Spectrum Clock Synthesizer
ICS650GI-44LFT ICST-ICS650GI-44LFT Datasheet
176Kb / 10P
   Spread Spectrum Clock Synthesizer
More results

Similar Description - ICS650GI-36

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
   NETWORKING AND PCI CLOCK SOURCE
REV F 051310
logo
Integrated Circuit Syst...
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
   NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
   NETWORKING CLOCK SOURCE
REV F 051310
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com