Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

650GI41L Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 650GI41L
Description  Spread Spectrum Clock Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

650GI41L Datasheet(HTML) 3 Page - Integrated Circuit Systems

  650GI41L Datasheet HTML 1Page - Integrated Circuit Systems 650GI41L Datasheet HTML 2Page - Integrated Circuit Systems 650GI41L Datasheet HTML 3Page - Integrated Circuit Systems 650GI41L Datasheet HTML 4Page - Integrated Circuit Systems 650GI41L Datasheet HTML 5Page - Integrated Circuit Systems 650GI41L Datasheet HTML 6Page - Integrated Circuit Systems 650GI41L Datasheet HTML 7Page - Integrated Circuit Systems 650GI41L Datasheet HTML 8Page - Integrated Circuit Systems 650GI41L Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Spread Spectrum Clock Synthesizer
MDS 650-41 F
3
Revision 082305
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS650-41
Pin Descriptions
External Components
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS650-41 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between each VDD and the PCB ground plane.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ω resistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to
ground. These capacitors are used to adjust the stray
capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
between the crystal and device. Crystal capacitors
must be connected from each of the pins X1 and X2 to
ground.
The value (in pF) of these crystal caps should equal
(CL -6 pF)*2. In this equation, CL= crystal load
capacitance in pF. Example: For a crystal with a 16 pF
load capacitance, each crystal capacitor would be 20
pF [(16-6) x 2] = 20.
Pin
Number
Pin Name
Pin
Type
Pin Description
1
X1/CLKIN
Input
Crystal input. Connect this pin to a 25 MHz crystal or external input
clock.
2
FS0
Input
Select pin 0. Internal pull-up resistor. See table on page 2.
3
FS1
Input
Select pin 1. Internal pull-up resistor. See table on page 2.
4
SS_EN
Input
Spread spectrum enable pin. Internal pull-up resistor. Enabled = high.
5
VDD
Power
Connect to +3.3 V.
6
GND
Power
Connect to ground.
7
FS3
Input
Select pin 3. Internal pull-up resistor. See table on page 2.
8
48M
Output
Fixed 48 MHz output. Weak internal pull-down when tri-state.
9
50M
Output
Spread Spectrum output. Weak internal pull-down when tri-stated.
10
VDDO
Power
Connect to +2.5 V.
11
GND
Power
Connect to ground.
12
VDD
Power
Connect to +3.3 V.
13
FS2
Input
Select pin 2. Internal pull-up resistor. See table on page 2.
14
PDTS
Input
Powers down entire chip. Tri-states CLK outputs when low. Internal
pull-up.
15
VDD
Power
Connect to +3.3 V.
16
X2
Output
Crystal Output. Connect this pin to a 25 MHz crystal. Do not connect if
clock input is used.


Similar Part No. - 650GI41L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
650GI-36LF RENESAS-650GI-36LF Datasheet
388Kb / 9P
   NETWORKING AND PCI CLOCK SOURCE
REV F 051310
650GI-36LFT RENESAS-650GI-36LFT Datasheet
388Kb / 9P
   NETWORKING AND PCI CLOCK SOURCE
REV F 051310
650GI-41LF RENESAS-650GI-41LF Datasheet
436Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
650GI-41LFT RENESAS-650GI-41LFT Datasheet
436Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
650GI-44LF RENESAS-650GI-44LF Datasheet
412Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
More results

Similar Description - 650GI41L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
logo
Integrated Circuit Syst...
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
logo
Integrated Circuit Syst...
ICS650-44 ICST-ICS650-44 Datasheet
176Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com