Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8516FYI Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS8516FYI
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8516FYI Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS8516FYI Datasheet HTML 4Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 5Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 6Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 7Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 8Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 9Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 10Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 11Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8516FYI
www.icst.com/products/hiperclocks.html
REV. A JULY 30, 2004
8
Integrated
Circuit
Systems, Inc.
ICS8516I
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
APPLICATION INFORMATION
Figure 1 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
DD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The
FIGURE 1. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
ratio of R1 and R2 might need to be adjusted to position the
V_REF in the center of the input voltage swing. For example, if
the input clock swing is only 2.5V and V
DD= 3.3V, V_REF should
be 1.25V and R2/R1 = 0.609.
LVDS DRIVER TERMINATION
A general LVDS interface is shown in
Figure 2. In a 100
Ω dif-
ferential transmission line environment, LVDS drivers require
a matched load termination of 100
Ω across near the receiver
input. For a multiple LVDS outputs buffer, if only partial out-
puts are used, it is recommended to terminate the un-used
outputs.
FIGURE 2. TYPICAL LVDS DRIVER TERMINATION
3.3V
R1
100
Zo = 50 Ohm
LVDS_Driver
HiPerClockS
CLK
nCLK
Zo = 50 Ohm
3.3V
V_REF
R1
1K
C1
0.1u
R2
1K
Single Ended Clock Input
CLKx
nCLKx
VDD


Similar Part No. - ICS8516FYI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516FY ICST-ICS8516FY Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
ICS8516FYLF ICST-ICS8516FYLF Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
ICS8516FYLF IDT-ICS8516FYLF Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS8516FYLFT ICST-ICS8516FYLFT Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
ICS8516FYLFT IDT-ICS8516FYLFT Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
More results

Similar Description - ICS8516FYI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
   Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
   Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
   LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
85408I RENESAS-85408I Datasheet
635Kb / 17P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
85408 IDT-85408_15 Datasheet
299Kb / 16P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
logo
Integrated Device Techn...
85108 IDT-85108 Datasheet
528Kb / 16P
   Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com