Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83058AGI Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS83058AGI
Description  8:1, SINGLE-ENDED MULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83058AGI Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS83058AGI Datasheet HTML 4Page - Integrated Circuit Systems ICS83058AGI Datasheet HTML 5Page - Integrated Circuit Systems ICS83058AGI Datasheet HTML 6Page - Integrated Circuit Systems ICS83058AGI Datasheet HTML 7Page - Integrated Circuit Systems ICS83058AGI Datasheet HTML 8Page - Integrated Circuit Systems ICS83058AGI Datasheet HTML 9Page - Integrated Circuit Systems ICS83058AGI Datasheet HTML 10Page - Integrated Circuit Systems ICS83058AGI Datasheet HTML 11Page - Integrated Circuit Systems ICS83058AGI Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Integrated
Circuit
Systems, Inc.
83058AGI
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 27, 2005
10
ICS83058I
8:1, SINGLE-ENDED MULTIPLEXER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS83058I is: 874
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 16 LEAD TSSOP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
137.1°C/W
118.2°C/W
106.8°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
89.0°C/W
81.8°C/W
78.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.


Similar Part No. - ICS83058AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83058AGI IDT-ICS83058AGI Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
ICS83058AGILF IDT-ICS83058AGILF Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
ICS83058AGILFT IDT-ICS83058AGILFT Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
ICS83058AGIT IDT-ICS83058AGIT Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
More results

Similar Description - ICS83058AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
8308I IDT-8308I Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
83058 IDT-83058_15 Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
logo
Integrated Circuit Syst...
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
   6:1, SINGLE-ENDED MULTIPLEXER
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
   2:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
   2:1 Single-Ended Multiplexer
January 27, 2016
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
   2 1 single-ended multiplexer
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com