Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83940I-01 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS83940I-01
Description  LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940I-01 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS83940I-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS83940I-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS83940I-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS83940I-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS83940I-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS83940I-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS83940I-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS83940I-01 Datasheet HTML 12Page - Integrated Circuit Systems ICS83940I-01 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
83940DYI-01
www.icst.com/products/hiperclocks.html
REV. A MARCH 1, 2004
11
Integrated
Circuit
Systems, Inc.
ICS83940I-01
LOW SKEW, 1-TO-18
LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS83940I-01 is: 819
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.


Similar Part No. - ICS83940I-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS83940I-01 RENESAS-ICS83940I-01 Datasheet
418Kb / 20P
   Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
Rev A 3/27/15
More results

Similar Description - ICS83940I-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
   Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
83940D RENESAS-83940D Datasheet
428Kb / 17P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
83940-01 RENESAS-83940-01 Datasheet
399Kb / 16P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
NOVEMBER 4, 2014
logo
Integrated Circuit Syst...
ICS83940D ICST-ICS83940D Datasheet
296Kb / 15P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS83940I-01 RENESAS-ICS83940I-01 Datasheet
418Kb / 20P
   Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
Rev A 3/27/15
logo
Integrated Device Techn...
83940I-01 IDT-83940I-01 Datasheet
221Kb / 19P
   Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
ICS83940DI IDT-ICS83940DI_16 Datasheet
237Kb / 19P
   Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com