Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL12008SX-CH Datasheet(PDF) 11 Page - International Rectifier

Part # AFL12008SX-CH
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL12008SX-CH Datasheet(HTML) 11 Page - International Rectifier

Back Button AFL12008SX-CH Datasheet HTML 3Page - International Rectifier AFL12008SX-CH Datasheet HTML 4Page - International Rectifier AFL12008SX-CH Datasheet HTML 5Page - International Rectifier AFL12008SX-CH Datasheet HTML 6Page - International Rectifier AFL12008SX-CH Datasheet HTML 7Page - International Rectifier AFL12008SX-CH Datasheet HTML 8Page - International Rectifier AFL12008SX-CH Datasheet HTML 9Page - International Rectifier AFL12008SX-CH Datasheet HTML 10Page - International Rectifier AFL12008SX-CH Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.irf.com
11
AFL50XXS Series
Pin No.
Designation
1
Positive Input
2
Input Return
3
Case
4
Enable 1
5
Sync Output
6
Sync Input
7
Positive Output
8
Output Return
9
Return Sense
10
Positive Sense
11
Share
12
Enable 2
AFL50XXS Pin Designation
Part Numbering
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 07/02
Available Screening Levels and Process Variations for AFL50XXS Series.
* per Commercial Standards
AFL 50 05 S X / CH
Mode
Input
28= 28 V, 50= 50 V
120=120 V, 270= 270 V
Output
3R3= 3.3 V, 05= 5 V
08= 8 V, 09= 9 V
12= 12 V, 15= 15 V
24= 24 V, 28= 28 V
Output
S = Single
D = Dual
Case
W , X, Y, Z
Screenin
, ES
HB, CH
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature Range
-20°C to +85°C
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
Element Evaluation
MIL-PRF-38534
Internal Visual
2017
¬
Yes
Yes
Yes
Temperature Cycle
1010
Cond B
Cond C
Cond C
Constant Acceleration
2001,
500g
Cond A
Cond A
Burn-in
1015
48hrs @ 85°C
48hrs @ 125°C
160hrs @ 125°C
160hrs @ 125°C
Final Electrical (Group A)
MIL-PRF-38534
25°C
25°C
-55, +25, +125°C
-55, +25, +125°C
Seal, Fine & Gross
1014
¬
Cond A, C
Cond A, C
Cond A, C
External Visual
2009
¬
Yes
Yes
Yes


Similar Part No. - AFL12008SX-CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL12008SXES IRF-AFL12008SXES Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL12008SX-CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com