Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83948AYI-147 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS83948AYI-147
Description  LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83948AYI-147 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS83948AYI-147 Datasheet HTML 1Page - Integrated Circuit Systems ICS83948AYI-147 Datasheet HTML 2Page - Integrated Circuit Systems ICS83948AYI-147 Datasheet HTML 3Page - Integrated Circuit Systems ICS83948AYI-147 Datasheet HTML 4Page - Integrated Circuit Systems ICS83948AYI-147 Datasheet HTML 5Page - Integrated Circuit Systems ICS83948AYI-147 Datasheet HTML 6Page - Integrated Circuit Systems ICS83948AYI-147 Datasheet HTML 7Page - Integrated Circuit Systems ICS83948AYI-147 Datasheet HTML 8Page - Integrated Circuit Systems ICS83948AYI-147 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
83948AYI-147
www.icst.com/products/hiperclocks.html
REV. B NOVEMBER 21, 2005
4
Integrated
Circuit
Systems, Inc.
ICS83948I-147
LOW SKEW, 1-TO-12
DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= -40° TO 85°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
5
3z
H
M
t
D
P
n
o
i
t
a
g
a
p
o
r
P
;
y
a
l
e
D
;
K
L
C
n
,
K
L
C
1
E
T
O
N
ƒ
z
H
M
0
5
32
4
s
n
;
K
L
C
_
S
O
M
C
V
L
2
E
T
O
N
ƒ
z
H
M
0
5
32
4
s
n
t
)
o
(
k
s7
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
n
o
d
e
r
u
s
a
e
M
V
@
e
g
d
e
g
n
i
s
i
r
O
D
D
2
/
0
0
1s
p
t
)
p
p
(
k
s7
,
4
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
n
o
d
e
r
u
s
a
e
M
V
@
e
g
d
e
g
n
i
s
i
r
O
D
D
2
/
1s
n
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
OV
2
o
t
V
8
.
02
.
00
.
1s
n
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
K
L
C
n
,
K
L
C
=
f
e
R
,
z
H
M
0
5
15
40
55
5%
t
L
Z
P
t
,
H
Z
P
5
E
T
O
N
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
5s
n
t
Z
L
P
t
,
Z
H
P
5
E
T
O
N
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
5s
n
t
S
e
l
b
a
n
E
k
c
o
l
C
;
e
m
i
T
p
u
t
e
S
6
E
T
O
N
o
t
N
E
_
K
L
C
K
L
C
n
,
K
L
C
1s
n
o
t
N
E
_
K
L
C
K
L
C
_
S
O
M
C
V
L
0s
n
t
H
e
l
b
a
n
E
k
c
o
l
C
;
e
m
i
T
d
l
o
H
6
E
T
O
N
o
t
K
L
C
n
,
K
L
C
N
E
_
K
L
C
0s
n
K
L
C
_
S
O
M
C
V
L
N
E
_
K
L
C
o
t
1s
n
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
NV
O
D
D
2
/.
t
u
p
t
u
o
e
h
t
f
o
V
m
o
r
f
d
e
r
u
s
a
e
M
:
2
E
T
O
N
D
D
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
O
D
D
.
t
u
p
t
u
o
e
h
t
f
o
2
/
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
D
D
.
2
/
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
O
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
5
E
T
O
N
.
k
c
o
l
c
t
u
p
n
i
e
h
t
f
o
e
g
d
e
g
n
i
s
i
r
e
h
t
o
t
e
v
i
t
a
l
e
r
e
r
a
s
e
m
i
t
d
l
o
H
d
n
a
p
u
t
e
S
:
6
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
7
E
T
O
N
TABLE 4D. DC CHARACTERISTICS, V
DD = VDDO = 2.5V±5%, T
A
= -40° TO 85°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IS
O
M
C
V
L7
.
1V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IS
O
M
C
V
L3
.
0
-7
.
0V
I
N
I
t
n
e
r
r
u
C
t
u
p
n
IV
N
I
V
=
D
D
V
r
o
N
I
D
N
G
=0
0
3A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OI
H
O
A
m
5
1
-
=8
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OI
L
O
A
m
5
1
=6
.
0V
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
PK
L
C
n
,
K
L
C5
1
.
03
.
1V
V
R
M
C
;
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
3
,
2
E
T
O
N
K
L
C
n
,
K
L
C5
.
0
+
D
N
GV
D
D
5
8
.
0
-V
0
5
g
n
i
v
i
r
d
f
o
e
l
b
a
p
a
c
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
e
n
i
l
n
o
i
s
s
i
m
s
n
a
r
t
Ω
V
o
t
O
D
D
.
2
/
.
"
t
i
u
c
r
i
C
t
s
e
T
C
A
d
a
o
L
t
u
p
t
u
O
V
5
.
2
"
,
n
o
i
t
c
e
s
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
s
i
K
L
C
n
,
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
i
l
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
V
D
D
.
V
3
.
0
+
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
3
E
T
O
NV
H
I .


Similar Part No. - ICS83948AYI-147

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83948AYI-01 ICST-ICS83948AYI-01 Datasheet
87Kb / 11P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS83948AYI-01T ICST-ICS83948AYI-01T Datasheet
87Kb / 11P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
More results

Similar Description - ICS83948AYI-147

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83948I RENESAS-83948I Datasheet
504Kb / 14P
   Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
logo
Integrated Device Techn...
83948I IDT-83948I_16 Datasheet
291Kb / 13P
   Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
8312I IDT-8312I_15 Datasheet
299Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8312I ICST-ICS8312I Datasheet
243Kb / 11P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
8312 IDT-8312_15 Datasheet
295Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8312I RENESAS-8312I Datasheet
493Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
December 14, 2015
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com