Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN6123 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN6123
Description  Speech network IC with ALC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6123 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN6123 Datasheet HTML 1Page - Panasonic Semiconductor AN6123 Datasheet HTML 2Page - Panasonic Semiconductor AN6123 Datasheet HTML 3Page - Panasonic Semiconductor AN6123 Datasheet HTML 4Page - Panasonic Semiconductor AN6123 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AN6213MS
ICs for Telephone
s Application Notes (continued)
2. Input level adjustment for maximum output
You can adjust R in the left circuit diagram
to find the operation point for a maximum out-
put level. For example, since the input level for
a maximum output is
−30 dBm when R is open
and the attenuation in the input stage is 20 log
(3k/6.3k)
= −6.4 dB when R is 3 kΩ. This means
a total gain loss is
−6.4 dB as compared with
open mode, hence the input level to get the
maximum output is
−23.6 dBm.
Likewise, the attenuation is 12.7 dB for R
=
1 k
Ω and the desired input level becomes 17.3
dBm.
I/O characteristics
GND
10 k
2 200 pF
33
µF
10
µF
10
µF
1M
3.0 V
Signal input
(1 kHz)
4
3
2
5
1
AN6123MS
R
3.3 k
Signal output
−60
−70 −65 −60 −55 −50 −45 −40 −35 −30 −25 −20 −15 −10 −50
−55
−50
−40
−45
−35
−30
−25
−20
−15
−10
−5
0
Input level (dBm)
R
= 3 kΩ
R
= Open
R
= 1 kΩ
3. Output level adjustment for a maximum output
The maximum output level can be adjusted
by R in the left circuit diagram.
Since the maximum output is
−7.5 dBm
when R is open, it is 20 log (20k/30k)
= −3.5
dBm at R
= 20 kΩ. It is an attenuated value of by
3.4 dB against open mode. Therefore, the maxi-
mum output becomes
−11 dBm. Likewise, for R
= 10 kΩ, attenuation is 6 dB and the maximum
output becomes
−13.5 dBm.
I/O characteristics
−35
−30
−25
−20
−15
−10
−5
0
−50
−45
−40
−35
−30
−25
−20
−15
−10
Input level (dBm)
R
= 10 kΩ
R
= Open
R
= 20 kΩ
GND
10 k
2 200 pF
33
µF
10
µF
10
µF
1M
3.0 V
Signal output
Signal input
(1 kHz)
4
3
2
5
1
AN6123MS
R
3.3 k


Similar Part No. - AN6123

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN6123MS-TXL PANASONICBATTERY-AN6123MS-TXL Datasheet
216Kb / 6P
   Speech network IC with ALC
More results

Similar Description - AN6123

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN6123MS-TXL PANASONICBATTERY-AN6123MS-TXL Datasheet
216Kb / 6P
   Speech network IC with ALC
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
AN6426NK PANASONIC-AN6426NK Datasheet
127Kb / 9P
   Hands-free Speech Network IC
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6175K PANASONIC-AN6175K Datasheet
210Kb / 21P
   Hands-free Speech Network IC
AN6215S PANASONIC-AN6215S Datasheet
56Kb / 5P
   AGC IC for telephone speech network
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
   Speech network
logo
Panasonic Semiconductor
AN6448NFBP PANASONIC-AN6448NFBP Datasheet
156Kb / 11P
   Speech Network IC Incorporating Cross-Point Switch
logo
Samsung semiconductor
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
   SPEECH NETWORK WITH DIALER INTERFACE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com