Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4832EUT18D3 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4832EUT18D3
Description  100mA LDO Linear Regulators with Current-Limiting Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4832EUT18D3 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4832EUT18D3 Datasheet HTML 4Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 5Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 6Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 7Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 8Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 9Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 10Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 11Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
100mA LDO Linear Regulators with
Current-Limiting Switch
______________________________________________________________________________________
11
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)
L
C
L
C
PIN 1
INDEX
AREA
D
E
L
e
L
A
e
NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY
E2
DETAIL A
N
F
1
2
21-0137
PACKAGE OUTLINE, 6, 8, 10 & 14L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
COMMON DIMENSIONS
SYMBOL
MIN.
MAX.
A
0.70
0.80
D
2.90
3.10
E
2.90
3.10
A1
0.00
0.05
L
0.20
0.40
PKG. CODE
N
D2
E2
e
JEDEC SPEC
b
[(N/2)-1] x e
PACKAGE VARIATIONS
0.25 MIN.
k
A2
0.20 REF.
2.30±0.10
1.50±0.10
6
T633-1
0.95 BSC
MO229 / WEEA
1.90 REF
F
2
2
21-0137
PACKAGE OUTLINE, 6, 8, 10 & 14L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
0.40±0.05
1.95 REF
0.30±0.05
0.65 BSC
2.30±0.10
8
T833-1
2.00 REF
0.25±0.05
0.50 BSC
2.30±0.10
10
T1033-1
2.40 REF
0.20±0.03
- - - -
0.40 BSC
1.70±0.10
2.30±0.10
14
T1433-1
1.50±0.10
1.50±0.10
MO229 / WEEC
MO229 / WEED-3
0.40 BSC
- - - -
0.20±0.03
2.40 REF
T1433-2
14
2.30±0.10
1.70±0.10


Similar Part No. - MAX4832EUT18D3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX483 MAXIM-MAX483 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX483 MAXIM-MAX483 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX483 MAXIM-MAX483 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX483 MAXIM-MAX483 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX483 MAXIM-MAX483 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4832EUT18D3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4834 MAXIM-MAX4834 Datasheet
350Kb / 12P
   250mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4836 MAXIM-MAX4836 Datasheet
356Kb / 12P
   500mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
Skyworks Solutions Inc.
AAT4702 SKYWORKS-AAT4702 Datasheet
2Mb / 20P
   Auto-Restarting Current Limiting Load Switch with LDO Regulator
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com