Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840001I Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS840001I
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840001I Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS840001I Datasheet HTML 3Page - Integrated Circuit Systems ICS840001I Datasheet HTML 4Page - Integrated Circuit Systems ICS840001I Datasheet HTML 5Page - Integrated Circuit Systems ICS840001I Datasheet HTML 6Page - Integrated Circuit Systems ICS840001I Datasheet HTML 7Page - Integrated Circuit Systems ICS840001I Datasheet HTML 8Page - Integrated Circuit Systems ICS840001I Datasheet HTML 9Page - Integrated Circuit Systems ICS840001I Datasheet HTML 10Page - Integrated Circuit Systems ICS840001I Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
840001AGI
www.icst.com/products/hiperclocks.html
REV. A JUNE 20, 2005
8
Integrated
Circuit
Systems, Inc.
ICS840001I
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
PRELIMINARY
LAYOUT GUIDELINE
Figure 3A shows a schematic example of the ICS840001I. An
example of LVCMOS termination is shown in this schematic.
Additional LVCMOS termination approaches are shown in the
LVCMOS Termination Application Note. In this example, an 18
pF parallel resonant 26.5625MHz crystal is used.The C1=27pF
and C2=33pF are recommended for frequency accuracy. For
FIGURE 3A. ICS840001I SCHEMATIC EXAMPLE
different board layout, the C1 and C2 may be slightly adjusted
for optimizing frequency accuracy. The output frequency can be
set at either 106.25MHz or 212.5MHz. Leaving the R1 un-in-
stalled (or install 1k
Ω pull-down) will set the output frequency at
106.25MHz. Installing the R1 pull up will set the output frequency
at 212.5MHz.
PC BOARD LAYOUT EXAMPLE
Figure 3B shows an example of P.C. board layout. The crystal
X1 footprint in this example allows either surface mount (HC49S)
or through hole (HC49) package. C3 is 0805. C1 and C2 are
0402. Other resistors and capacitors are 0603. This layout as-
sumes that the board has clean analog power and ground planes.
FIGURE 3B. ICS840001I PC BOARD LAYOUT EXAMPLE
LVCMOS
VDD=3.3V
U2
840001I
1
2
3
4
8
7
6
5
VDDA
OE
XTAL_OUT
XTAL_IN
VDD
Q
GND
FREQ_SEL
C5
0.1u
R1
1K
R2
10
C3
10uF
VDD
VDD
C2
33pF
FRE_SEL
VDD
C4
0.1u
Zo = 50 Ohm
OE
Q
R3
43
VDDA
C1
27pF
X1


Similar Part No. - ICS840001I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
More results

Similar Description - ICS840001I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
   Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
   FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-01 ICST-ICS840004-01 Datasheet
262Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com