Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840001AGI Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS840001AGI
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840001AGI Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS840001AGI Datasheet HTML 1Page - Integrated Circuit Systems ICS840001AGI Datasheet HTML 2Page - Integrated Circuit Systems ICS840001AGI Datasheet HTML 3Page - Integrated Circuit Systems ICS840001AGI Datasheet HTML 4Page - Integrated Circuit Systems ICS840001AGI Datasheet HTML 5Page - Integrated Circuit Systems ICS840001AGI Datasheet HTML 6Page - Integrated Circuit Systems ICS840001AGI Datasheet HTML 7Page - Integrated Circuit Systems ICS840001AGI Datasheet HTML 8Page - Integrated Circuit Systems ICS840001AGI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
840001AGI
www.icst.com/products/hiperclocks.html
REV. A JUNE 20, 2005
5
Integrated
Circuit
Systems, Inc.
ICS840001I
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
PRELIMINARY
TYPICAL PHASE NOISE AT 106.25MHZ
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
100
1k
10k
100k
1M
10M
100M
106.25MHz
RMS Phase Jitter (Random)
637kHz to 5MHz = 0.70ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
Fibre Channel Filter to raw data
Raw Phase Noise Data
Fibre Channel Filter


Similar Part No. - ICS840001AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001AK-31 ICST-ICS840001AK-31 Datasheet
164Kb / 9P
   FEMTOCLOCKS-TM CRYSTAL -TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001AK-34 ICST-ICS840001AK-34 Datasheet
167Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS840001AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
   Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
   FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-01 ICST-ICS840004-01 Datasheet
262Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com