Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926C31-00 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 926C31-00
Description  Quad RS-422 Differential Line Driver Radiation Hardened
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

926C31-00 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  926C31-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 926C31-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 926C31-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 926C31-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 926C31-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 926C31-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 926C31-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
PE926C31
Page 2 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0157-01
│ UltraCMOS™ RFIC Solutions
Table 1. Pin Descriptions
Table 2. Recommended Operating Conditions
Electrostatic Discharge (ESD) Precautions
When handling this UTSi device, observe the
same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 2.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 3. Truth Table
Device Functional Considerations
The PE926C31 operates at high switching
speeds. In order to obtain maximum
performance, it is crucial that pin 16 be supplied
with a bypass capacitor to ground (pin 8).
Figure 2. Pin Configuration (Top View)
1
A
PE926C31
2
AQ+
3
AQ-
4
E+
5
BQ-
6
BQ+
7
B
8
V-
16
15
14
13
12
11
10
9
V+
D
DQ+
DQ-
E-
CQ-
C
CQ+
Pin
No.
Pin
Name
Description
1
A
Channel A Input
2
AQ+
Channel A Noninverting Ouput
3
AQ-
Channel A Inverting Output
4
E+
Enable, active high
5
BQ-
Channel B Inverting Output
6
BQ+
Channel B Noninverting Output
7
B
Channel B Input
8
V-
Ground Pin
9
C
Channel C Input
10
CQ+
Channel C Noninverting Output
11
CQ-
Channel C Inverting Ouput
12
E-
Enable, active low
13
DQ-
Channel D Inverting Output
14
DQ+
Channel D Noninverting Output
15
D
Channel D Input
16
V+
Supply Pin
Symbol
Parameter/Conditions
Min
Max
Units
V+
Supply voltage
3.0
3.6
V
TOP
Operating temperature
range
-55
125
°C
VIN
Maximum input voltage
0
Vdd
V
VOUT
Maximum output voltage
0
Vdd
V
IOUT
Maximum output current
-50
50
mA
E+
E-
Data
Q+
Q-
L
H
X
Z
Z
H
X
L
L
H
X
L
H
X
H
H
L
X
L


Similar Part No. - 926C31-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
926C32-00 PEREGRINE-926C32-00 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
926C32-01 PEREGRINE-926C32-01 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
926C32-21 PEREGRINE-926C32-21 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
More results

Similar Description - 926C31-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
   QUAD RS-422 CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com