Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840004AG-01LFT Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS840004AG-01LFT
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840004AG-01LFT Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS840004AG-01LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS840004AG-01LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS840004AG-01LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS840004AG-01LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS840004AG-01LFT Datasheet HTML 9Page - Integrated Circuit Systems ICS840004AG-01LFT Datasheet HTML 10Page - Integrated Circuit Systems ICS840004AG-01LFT Datasheet HTML 11Page - Integrated Circuit Systems ICS840004AG-01LFT Datasheet HTML 12Page - Integrated Circuit Systems ICS840004AG-01LFT Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Integrated
Circuit
Systems, Inc.
8400042AG-01
www.icst.com/products/hiperclocks.html
REV. B JANUARY 3, 2006
10
ICS840004-01
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
3.3V
R3
36
RU1
1K
Zo = 50 Ohm
C3
10uF
RD1
Not Install
Logic Control Input Examples
R4
36
R2
10
C6
0.1u
C4
0.01u
To Logic
Input
pins
XTAL_IN
RD2
1K
VDDA
Set Logic
Input to
'1'
LVCMOS
RU2
Not Install
3.3V
3.3V
C5
0.1u
C2
22pF
Set Logic
Input to
'0'
3.3V
Zo = 50 Ohm
LVCMOS
3.3V
To Logic
Input
pins
U1
ICS840004-01
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
F_SEL0
nc
nXTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
nc
VDD
XTAL_OUT
XTAL_IN
GND
Q3
Q2
VDDO
F_SEL1
GND
Q0
Q1
XTAL_OUT
X1
C1
22pF
LAYOUT GUIDELINE
Figure 3 shows a schematic example of the ICS840004-01. An
example of LVCMOS termination is shown in this schematic.
Additional LVCMOS termination approaches are shown in the
LVCMOS Termination Application Note. In this example, an 18pF
parallel resonant 25MHz crystal is used. The C1=22pF and
FIGURE 3. ICS840004-01 SCHEMATIC EXAMPLE
C2=22pF are recommended for frequency accuracy. For dif-
ferent board layout, the C1 and C2 may be slightly adjusted
for optimizing frequency accuracy. 1K
Ω pullup or pulldown
resistors can be used for the logic control input pins.
INPUTS:
CRYSTAL INPUT:
For applications not requiring the use of the crystal oscillator
input, both XTAL_IN and XTAL_OUT can be left floating.
Though not required, but for additional protection, a 1k
Ω
resistor can be tied from XTAL_IN to ground.
TEST_CLK INPUT:
For applications not requiring the use of the test clock, it can
be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the TEST_CLK to
ground.
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVCMOS OUTPUT:
All unused LVCMOS output can be left floating. We
recommend that there is no trace attached.


Similar Part No. - ICS840004AG-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840004AG-11 ICST-ICS840004AG-11 Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004AG-11LF ICST-ICS840004AG-11LF Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004AG-11LFT ICST-ICS840004AG-11LFT Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004AG-11T ICST-ICS840004AG-11T Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS840004AG-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
   Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
   FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001I ICST-ICS840001I Datasheet
175Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com