Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4833ETT25D3 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4833ETT25D3
Description  100mA LDO Linear Regulators with Current-Limiting Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4833ETT25D3 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4833ETT25D3 Datasheet HTML 4Page - Maxim Integrated Products MAX4833ETT25D3 Datasheet HTML 5Page - Maxim Integrated Products MAX4833ETT25D3 Datasheet HTML 6Page - Maxim Integrated Products MAX4833ETT25D3 Datasheet HTML 7Page - Maxim Integrated Products MAX4833ETT25D3 Datasheet HTML 8Page - Maxim Integrated Products MAX4833ETT25D3 Datasheet HTML 9Page - Maxim Integrated Products MAX4833ETT25D3 Datasheet HTML 10Page - Maxim Integrated Products MAX4833ETT25D3 Datasheet HTML 11Page - Maxim Integrated Products MAX4833ETT25D3 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Shutdown Discharge (MAX4833)
OUT discharges through a 900
Ω internal resistor during
shutdown mode.
Reverse OUT to IN Current
When the output voltage is greater than the input volt-
age, the internal pass transistor turns off. To avoid
reverse-charging the input source, the current at IN is
guaranteed to be below 3µA when VOUT
≥ VIN.
Current Limit
The MAX4832/MAX4833 include an accurate internal
current-limiting circuit. OUT can be shorted to ground
indefinitely without damaging the part.
The MAX4832 latches off if the load current exceeds the
current limit for more than the blanking time (see the
FLAG Output section). During soft-start, the device does
not latch off to an overload condition. During an overload
condition, the MAX4833 holds the current at current limit
until the thermal limit is reached. Once the junction tem-
perature reaches +165°C, thermal shutdown occurs.
Thermal Shutdown
When the junction temperature (TJ) exceeds +165°C,
the LDO’s pass transistor turns off allowing the junction
to cool. The LDO’s pass transistor turns on again after
the IC’s junction temperature cools by 15°C, resulting in
a pulsed output during continuous thermal-overload
conditions.
Soft-Start
During power-up, the soft-start ensures that the output
ramps up slowly reducing inrush current peaks. See
the soft-start response time plots in the Typical
Operating Characteristics. The soft-start time (tSS) is
given by the following equation:
tSS = CSS (ms)
where CSS is in nF.
A soft-start capacitor (CSS) of 10nF gives a 10ms tSS. A
1ms minimum soft-start time is fixed internally to ensure
that the output rises slowly even without any external
capacitor at SS pin to ground. The device is in soft-start
mode when either the voltage at IN or SHDN is cycled
high to low to high.
Applications Information
Capacitor Selection and Regulator
Stability
For stable operation over the full temperature range and
with load currents up to 100mA, use a 3.3µF (min)
ceramic output capacitor with an ESR <0.2
Ω. To reduce
noise and improve load transient response, stability, and
power-supply rejection, use larger output capacitor
values such as 10µF (note that some ceramic capacitors
exhibit large capacitance and ESR variation with temper-
ature). X7R capacitors provide good performance over
the -40°C to +85°C operating temperature range.
To improve power-supply rejection and transient
response, use a 0.1µF capacitor between IN and GND.
The MAX4832/MAX4833 remain stable with purely
resistive loads or current loads up to 100mA.
15kV Operational ESD Protection
A 3.3µF or higher value ceramic capacitor from OUT to
GND provides a 15kV (Human Body Model) protection
at OUT. The ESR value of the capacitor should be less
than 0.2
Ω.
Reset Transient Immunity
The reset circuit is relatively immune to short duration,
falling VOUT transients. The Typical Operating
Characteristics show a graph of the Maximum Transient
Duration vs. Reset Threshold Overdrive for which reset is
not asserted. The graph was produced using falling VOUT
transients starting at VOUT and ending below the reset
threshold by the magnitude indicated (reset threshold
overdrive). The graph shows the maximum pulse width
that a falling VOUT transient can typically have without
triggering the reset pulse. As the amplitude of the tran-
sient increases (i.e., goes further below the reset thresh-
old), the maximum allowable pulse width decreases.
Typically, a VOUT transient that goes only 10mV below the
reset threshold and lasts up to 54µs does not trigger a
reset pulse.
Layout
When using the TDFN package, connect its exposed
paddle to GND to provide a low thermal resistance
path for heat transfer from the IC junction to the printed
circuit board.
100mA LDO Linear Regulators with
Current-Limiting Switch
_______________________________________________________________________________________
9


Similar Part No. - MAX4833ETT25D3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX483 MAXIM-MAX483 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX483 MAXIM-MAX483 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX483 MAXIM-MAX483 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX483 MAXIM-MAX483 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX483 MAXIM-MAX483 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4833ETT25D3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4834 MAXIM-MAX4834 Datasheet
350Kb / 12P
   250mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4836 MAXIM-MAX4836 Datasheet
356Kb / 12P
   500mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
Skyworks Solutions Inc.
AAT4702 SKYWORKS-AAT4702 Datasheet
2Mb / 20P
   Auto-Restarting Current Limiting Load Switch with LDO Regulator
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com