Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85222AM-02T Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS85222AM-02T
Description  1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85222AM-02T Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS85222AM-02T Datasheet HTML 2Page - Integrated Circuit Systems ICS85222AM-02T Datasheet HTML 3Page - Integrated Circuit Systems ICS85222AM-02T Datasheet HTML 4Page - Integrated Circuit Systems ICS85222AM-02T Datasheet HTML 5Page - Integrated Circuit Systems ICS85222AM-02T Datasheet HTML 6Page - Integrated Circuit Systems ICS85222AM-02T Datasheet HTML 7Page - Integrated Circuit Systems ICS85222AM-02T Datasheet HTML 8Page - Integrated Circuit Systems ICS85222AM-02T Datasheet HTML 9Page - Integrated Circuit Systems ICS85222AM-02T Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
85222AM-02
www.icst.com/products/hiperclocks.html
REV. A JANUARY 25, 2006
7
Integrated
Circuit
Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TO-
DIFFERENTIAL HSTL TRANSLATOR
PRELIMINARY
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
HSTL output driver circuit and termination are shown in Figure 1.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (V
OH_MIN
/R
L
) * (V
DD_MAX
- V
OH_MIN
)
Pd_L = (V
OL_MAX
/R
L
) * (V
DD_MAX
- V
OL_MAX
)
Pd_H = (1V/50
Ω) * (3.465V - 1V) = 49.3mW
Pd_L = (0.4V/50
Ω) * (3.465V - 0.4V) = 24.52mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 73.8mW
FIGURE 1. HSTL DRIVER CIRCUIT AND TERMINATION
V
DD
V
OUT
RL
50
Ω
Q1


Similar Part No. - ICS85222AM-02T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85222AM-02T IDT-ICS85222AM-02T Datasheet
227Kb / 12P
   1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
More results

Similar Description - ICS85222AM-02T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
85222-02 IDT-85222-02 Datasheet
211Kb / 12P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
ICS85222I-02 RENESAS-ICS85222I-02 Datasheet
687Kb / 13P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
2019
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Potato Semiconductor Co...
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
ICS85222-02 IDT-ICS85222-02 Datasheet
227Kb / 12P
   1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com