Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85301AG Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 85301AG
Description  2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

85301AG Datasheet(HTML) 2 Page - Integrated Circuit Systems

  85301AG Datasheet HTML 1Page - Integrated Circuit Systems 85301AG Datasheet HTML 2Page - Integrated Circuit Systems 85301AG Datasheet HTML 3Page - Integrated Circuit Systems 85301AG Datasheet HTML 4Page - Integrated Circuit Systems 85301AG Datasheet HTML 5Page - Integrated Circuit Systems 85301AG Datasheet HTML 6Page - Integrated Circuit Systems 85301AG Datasheet HTML 7Page - Integrated Circuit Systems 85301AG Datasheet HTML 8Page - Integrated Circuit Systems 85301AG Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
85301AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 16, 2006
2
Integrated
Circuit
Systems, Inc.
ICS85301
2:1
DIFFERENTIAL-TO-LVPECL MULTIPLEXER
TABLE 2. PIN CHARACTERISTICS
TABLE 1. PIN DESCRIPTIONS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
1F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
7
3k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
7
3k
Ω
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
10
K
L
C
Pt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
20
K
L
C
P
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
31
K
L
C
Pt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
41
K
L
C
P
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
5V
B
B
t
u
p
t
u
O.
e
g
a
t
l
o
v
s
a
i
B
6
1
,
7c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
6L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
.
s
t
u
p
n
i
1
K
L
C
P
n
,
1
K
L
C
P
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
s
t
u
p
n
i
0
K
L
C
P
n
,
0
K
L
C
P
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
3
1
,
8V
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
5
1
,
4
1
,
2
1
,
9V
E
E
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
1
1
,
0
1Q
,
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
TABLE 3. CONTROL INPUT FUNCTION TABLE
t
u
p
n
Id
e
t
c
e
l
e
S
t
u
p
n
I
L
E
S
_
K
L
CK
L
C
P
00
K
L
C
P
n
,
0
K
L
C
P
11
K
L
C
P
n
,
1
K
L
C
P


Similar Part No. - 85301AG

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
853010 ERNI-853010 Datasheet
88Kb / 1P
   ERMET MESSERLEISTE C
More results

Similar Description - 85301AG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Device Techn...
853S01 IDT-853S01 Datasheet
435Kb / 23P
   2:1 Differential-to-LVPECL Multiplexer
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
logo
Renesas Technology Corp
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
   2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com