Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2700CB1 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM2700CB1
Description  Dual enhancement Mode MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2700CB1 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM2700CB1 Datasheet HTML 1Page - Anpec Electronics Coropration APM2700CB1 Datasheet HTML 2Page - Anpec Electronics Coropration APM2700CB1 Datasheet HTML 3Page - Anpec Electronics Coropration APM2700CB1 Datasheet HTML 4Page - Anpec Electronics Coropration APM2700CB1 Datasheet HTML 5Page - Anpec Electronics Coropration APM2700CB1 Datasheet HTML 6Page - Anpec Electronics Coropration APM2700CB1 Datasheet HTML 7Page - Anpec Electronics Coropration APM2700CB1 Datasheet HTML 8Page - Anpec Electronics Coropration APM2700CB1 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
3
APM2700C
APM2700C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics (Cont.)
ISD=0.5A, VGS=0V
N-Ch
0.8
1.3
VSD
a
Diode Forward Voltage
ISD=-0.5A, VGS=0V
P-Ch
-0.8
-1.3
V
Dynamic Characteristics
b
N-Ch
130
Ciss
Input Capacitance
P-Ch
140
N-Ch
25
Coss
Output Capacitance
P-Ch
40
N-Ch
15
Crss
Reverse Transfer
Capacitance
N-Channel
VGS=0V,
VDS=20V,
Frequency=1.0MHz
P-Channel
VGS=0V,
VDS=-20V,
Frequency=1.0MHz
P-Ch
30
pF
N-Ch
2
4
td(ON)
Turn-on Delay Time
P-Ch
3
6
N-Ch
17
32
Tr
Turn-on Rise Time
P-Ch
18
33
N-Ch
4
8
td(OFF)
Turn-off Delay Time
P-Ch
10
19
N-Ch
18
33
Tf
Turn-off Fall Time
N-Channel
VDD=10V, RL=10
Ω,
IDS=1A, VGEN=4.5V,
RG=6
P-Channel
VDD=-10V, RL=10
Ω,
IDS=-1A, VGEN=-4.5V,
RG=6
P-Ch
20
37
ns
Gate Charge Characteristics
b
N-Ch
4.2
5.5
Qg
Total Gate Charge
P-Ch
7
9
N-Ch
0.6
Qgs
Gate-Source Charge
P-Ch
1.1
N-Ch
0.6
Qgd
Gate-Drain Charge
N-Channel
VDS=10V, VGS=4.5V,
IDS=1.8A
P-Channel
VDS=-10V, VGS=-4.5V,
IDS=-1.2A
P-Ch
1.1
nC
Notes:
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%.
b : Guaranteed by design, not subject to production testing.
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)


Similar Part No. - APM2700CB1

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
APM2701 KEXIN-APM2701 Datasheet
208Kb / 8P
   Dual MOSFET
logo
Sinopower Semiconductor...
APM2701AC SINOPWER-APM2701AC Datasheet
208Kb / 15P
   Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
VBsemi Electronics Co.,...
APM2701AC VBSEMI-APM2701AC Datasheet
2Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Sinopower Semiconductor...
APM2701ACC-TRG SINOPWER-APM2701ACC-TRG Datasheet
208Kb / 15P
   Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
VBsemi Electronics Co.,...
APM2701ACC-TRG VBSEMI-APM2701ACC-TRG Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Similar Description - APM2700CB1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HCT802 TTELEC-HCT802 Datasheet
249Kb / 3P
   Dual Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SSG3110 SECOS-SSG3110 Datasheet
366Kb / 4P
   Dual- Enhancement Mode Power MOSFET
SDT2P03-C SECOS-SDT2P03-C Datasheet
516Kb / 4P
   Dual-P Enhancement Mode MOSFET
SDT3P02-C SECOS-SDT3P02-C Datasheet
399Kb / 4P
   Dual-P Enhancement Mode MOSFET
SGT6920NH SECOS-SGT6920NH_15 Datasheet
123Kb / 2P
   Dual-N Enhancement Mode MOSFET
SGT6920NH SECOS-SGT6920NH Datasheet
123Kb / 2P
   Dual-N Enhancement Mode MOSFET
logo
Stanson Technology
STC4516 STANSON-STC4516 Datasheet
962Kb / 9P
   Complementary Dual Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SSG3215B-C SECOS-SSG3215B-C Datasheet
729Kb / 4P
   Dual-$ Enhancement Mode Power MOSFET
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com