Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS810001BK-21T Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS810001BK-21T
Description  FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS810001BK-21T Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS810001BK-21T Datasheet HTML 6Page - Integrated Circuit Systems ICS810001BK-21T Datasheet HTML 7Page - Integrated Circuit Systems ICS810001BK-21T Datasheet HTML 8Page - Integrated Circuit Systems ICS810001BK-21T Datasheet HTML 9Page - Integrated Circuit Systems ICS810001BK-21T Datasheet HTML 10Page - Integrated Circuit Systems ICS810001BK-21T Datasheet HTML 11Page - Integrated Circuit Systems ICS810001BK-21T Datasheet HTML 12Page - Integrated Circuit Systems ICS810001BK-21T Datasheet HTML 13Page - Integrated Circuit Systems ICS810001BK-21T Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
810001BK-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 12, 2005
10
Integrated
Circuit
Systems, Inc.
ICS810001-21
FEMTOCLOCKS™DUAL VCXO VIDEO PLL
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
OUTPUT DUTY CYCLE/PULSE WIDTH/tPERIOD
PHASE JITTER
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.65V±5%
OUTPUT RISE/FALL TIME
-1.65V±5%
Clock
Outputs
20%
80%
80%
20%
tR
t F
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q
V
EE
V
DD,
V
DDA, VDDO,
V
DDX
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot


Similar Part No. - ICS810001BK-21T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
   FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
   FemtoClock??Dual VCXO Video PLL
logo
Renesas Technology Corp
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
   FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
More results

Similar Description - ICS810001BK-21T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
   FemtoClock Dual VCXO Video PLL
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
   FemtoClock??Dual VCXO Video PLL
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
   FemtoClock??Dual VCXO Video PLL
logo
Renesas Technology Corp
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
   FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
March 3, 2016
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
8/14/15
logo
Integrated Circuit Syst...
ICS813001I ICST-ICS813001I Datasheet
237Kb / 18P
   DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
ICS843002I-40 ICST-ICS843002I-40 Datasheet
275Kb / 21P
   175MHZ, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
ICS843002I-41 ICST-ICS843002I-41 Datasheet
277Kb / 21P
   700MHz, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS813078I IDT-ICS813078I Datasheet
3Mb / 26P
   FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com