Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840001CK-32 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS840001CK-32
Description  FEMTOCLOCKS-TM CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840001CK-32 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS840001CK-32 Datasheet HTML 2Page - Integrated Circuit Systems ICS840001CK-32 Datasheet HTML 3Page - Integrated Circuit Systems ICS840001CK-32 Datasheet HTML 4Page - Integrated Circuit Systems ICS840001CK-32 Datasheet HTML 5Page - Integrated Circuit Systems ICS840001CK-32 Datasheet HTML 6Page - Integrated Circuit Systems ICS840001CK-32 Datasheet HTML 7Page - Integrated Circuit Systems ICS840001CK-32 Datasheet HTML 8Page - Integrated Circuit Systems ICS840001CK-32 Datasheet HTML 9Page - Integrated Circuit Systems ICS840001CK-32 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
840001CK-32
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 23, 2005
8
Integrated
Circuit
Systems, Inc.
ICS840001-32
FEMTOCLOCKS™ CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS840001-32 is: 2121
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 16 LEAD VFQFN
θθθθθ
JA vs. 0 Air Flow (Linear Feet per Minute)
0
Multi-Layer PCB, JEDEC Standard Test Boards
51.5°C/W


Similar Part No. - ICS840001CK-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS840001-31 ICST-ICS840001-31 Datasheet
164Kb / 9P
   FEMTOCLOCKS-TM CRYSTAL -TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001AGI ICST-ICS840001AGI Datasheet
175Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001AGIT ICST-ICS840001AGIT Datasheet
175Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS840001CK-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-31 ICST-ICS840001-31 Datasheet
164Kb / 9P
   FEMTOCLOCKS-TM CRYSTAL -TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
   Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
   FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com