Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4Z159 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA4Z159
Description  Silicon epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA4Z159 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA4Z159 Datasheet HTML 1Page - Panasonic Semiconductor MA4Z159 Datasheet HTML 2Page - Panasonic Semiconductor MA4Z159 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switching Diodes
1
Publication date: May 2002
SKF00049AED
MA4Z159 (MA4S159)
Silicon epitaxial planar type
For switching circuits
s Features
• Small S-mini type 4-pin package
• Two isolated elements contained in one package, allowing high-
density mounting
• Flat lead type, resulting in improved mounting efficiency and
solderability with the high-speed mounting machine
• Short reverse recovery time t
rr
• Small terminal capacitance, C
t
s Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
80
V
Peak reverse voltage
VRM
80
V
Average forward
Single
IF(AV)
100
mA
current
Double
75
Peak forward
Single
IFM
225
mA
current
Double
170
Non-repetitive peak
Single
IFSM
500
mA
forward surge current*
Double
375
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Internal Connection
Note) *: t = 1 s
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 75 V
0.1
µA
Forward voltage (DC)
VF
IF = 100 mA
0.95
1.2
V
Reverse voltage (DC)
VR
IR = 100 µA80
V
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
0.9
2
pF
Reverse recovery time*
trr
IF = 10 mA, VR = 6 V
3
ns
Irr = 0.1 · IR, RL = 100 Ω
s Electrical Characteristics T
a = 25°C
Note) 1. Rated input/output frequency: 100 MHz
2. *: trr measuring circuit
4
3
1
2
Marking Symbol: M1B
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 · IR
t
r
t
p
t
rr
V
R
I
F
t
t
A
Note) The part number in the parenthesis shows conventional part number.
1: Anode 1
3: Cathode 2
2: Anode 2
4: Cathode 1
EIAJ: SC-82
SMini4-F1 Package
1.3
±0.1
2.1
±0.1
0.3
±0.05
0.7
±0.1
0.16
+0.1
–0.06
43
12


Similar Part No. - MA4Z159

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA4Z082WA PANASONIC-MA4Z082WA Datasheet
26Kb / 2P
   Silicon planer type
MA4ZD03 PANASONIC-MA4ZD03 Datasheet
82Kb / 3P
   Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
MA4ZD14 PANASONIC-MA4ZD14 Datasheet
41Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA4Z159

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com