Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1558ETB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1558ETB
Description  Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1558ETB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1558ETB Datasheet HTML 1Page - Maxim Integrated Products MAX1558ETB Datasheet HTML 2Page - Maxim Integrated Products MAX1558ETB Datasheet HTML 3Page - Maxim Integrated Products MAX1558ETB Datasheet HTML 4Page - Maxim Integrated Products MAX1558ETB Datasheet HTML 5Page - Maxim Integrated Products MAX1558ETB Datasheet HTML 6Page - Maxim Integrated Products MAX1558ETB Datasheet HTML 7Page - Maxim Integrated Products MAX1558ETB Datasheet HTML 8Page - Maxim Integrated Products MAX1558ETB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX1558/MAX1558H are dual, current-limited
switches with autoreset for USB applications. Autoreset
latches the switch off if it is shorted for more than 20ms,
saving system power. The shorted output is then tested
to determine when the short is removed to automatically
restart the channel. Each channel delivers up to 1.2A
and meets all IEC specifications for USB ports. Low
quiescent supply current (45µA) and standby current
(3µA) conserve battery power in portable applications.
The MAX1558/MAX1558H safety features ensure that the
USB port is protected. Built-in thermal-overload protection
limits power dissipation and junction temperature.
Accurate, programmable current-limiting circuitry pro-
tects the input supply against both overload and short-cir-
cuit conditions. 20ms fault blanking enables the circuit to
ignore transient faults, such as those caused when hot
swapping a capacitive load, preventing false alarms to
the host system. The MAX1558/MAX1558H also feature
reverse-current protection circuitry to block current flow
from the output to the input when the switches are off.
The MAX1558/MAX1558H are available in space-sav-
ing 3mm x 3mm, 10-pin TDFN packages. The MAX1558
is enabled with an active-low signal, and the
MAX1558H is enabled with an active-high signal.
Applications
USB Ports and Hubs
Notebook Computers and Desktops
PDAs and Palmtop Computers
Docking Stations
Features
♦ 55mΩ Switch Resistance
♦ Tiny 10-Pin, 3mm x 3mm TDFN Package
♦ 14% Accurate Current Limit
♦ Autorestart when Fault is Removed
♦ Programmable Current Up to 1.2A
♦ Thermal-Overload Protection
♦ Built-In 20ms Fault Blanking
♦ Compliant to All USB Specifications
♦ 2.7V to 5.5V Supply Range
♦ Independent-Output Fault Indicators
♦ Block Reverse Current when Disabled
♦ 15kV ESD Protection (with Capacitor)
♦ UL Listing Pending
Dual, 3mm x 3mm, 1.2A/Programmable-Current
USB Switches with Autoreset
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3128; Rev 0; 6/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX1558ETB
-40
°C to +85°C
10 TDFN
(3mm x 3mm)
AAR
MAX1558HETB
-40
°C to +85°C
10 TDFN
(3mm x 3mm)
AAS
MAX1558
INPUT
2.7V TO 5.5V
INA
INB
ISET
FLTA
FLTB
ONA
ONB
ONA
ONB
OUTA
OUTB
GND
USB
PORT A
USB
PORT B
Typical Operating Circuit
2
3
9
8
TDFN
3mm x 3mm
TOP VIEW
4
5
7
6
1
MAX1558
(MAX1558H)
10
ISET
INA
INB
ONA (ONA)
ONB (ONB)
OUTA
GND
OUTB
FLTA
FLTB
Pin Configuration


Similar Part No. - MAX1558ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1558ETB++ MAXIM-MAX1558ETB+ Datasheet
243Kb / 14P
   Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
2008
More results

Similar Description - MAX1558ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1558 MAXIM-MAX1558_V01 Datasheet
243Kb / 14P
   Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
2008
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586 MAXIM-MAX8586 Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
logo
Linear Technology
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
logo
California Micro Device...
CM3512 CALMIRCO-CM3512 Datasheet
137Kb / 11P
   Dual USB Overcurrent 1.2A Switches with Independent Controls
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com