Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD16M64B8A-10L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HMD16M64B8A-10L
Description  The HSD16M64B8A is a 16M x 64 bit Synchronous Dynamic RAM high density memory module.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMD16M64B8A-10L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HMD16M64B8A-10L Datasheet HTML 1Page - List of Unclassifed Manufacturers HMD16M64B8A-10L Datasheet HTML 2Page - List of Unclassifed Manufacturers HMD16M64B8A-10L Datasheet HTML 3Page - List of Unclassifed Manufacturers HMD16M64B8A-10L Datasheet HTML 4Page - List of Unclassifed Manufacturers HMD16M64B8A-10L Datasheet HTML 5Page - List of Unclassifed Manufacturers HMD16M64B8A-10L Datasheet HTML 6Page - List of Unclassifed Manufacturers HMD16M64B8A-10L Datasheet HTML 7Page - List of Unclassifed Manufacturers HMD16M64B8A-10L Datasheet HTML 8Page - List of Unclassifed Manufacturers HMD16M64B8A-10L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HANBit
HSD16M64B8A
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
- 1 -
GENERAL DESCRIPTION
The HSD16M64B8A is a 16M x 64 bit Synchronous Dynamic RAM high density memory module. The module consists
of eight CMOS 4M x 8 bit with 4banks Synchronous DRAMs in TSOP-II 400mil packages on a 144-pin glass-epoxy
substrate. Two 0.1uF decoupling capacitors are mounted on the printed circuit board in parallel for each SDRAM. The
HSD16M64B8 is a SO-DIMM(Small Outline Dual in line Memory Module) and is intended for mounting into 144-pin edge
connector sockets. Synchronous design allows precise cycle control with the use of system clock. I/O transactions are
possible on every clock cycle. Range of operating frequencies, programmable latencies allows the same device to be
useful for a variety of high bandwidth, high performance memory system applications All module components may be
powered from a single 3.3V DC power supply and all inputs and outputs are LVTTL-compatible.
FEATURES
Part Identification
HSD16M64B8A-F/10L : 100MHz (CL=3)
HSD16M64B8A-F/10 : 100MHz (CL=2)
HSD16M64B8A-F/12 : 125MHz (CL=3)
HSD16M64B8A-F/13 : 133MHz (CL=3)
F means Auto & Self refresh with Low-Power (3.3V)
• Burst mode operation
• Auto & self refresh capability (4096 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V
±0.3V power supply
• MRS cycle with address key programs
- Latency (Access from column address)
- Burst length (1, 2, 4, 8 & Full page)
- Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system clock
• The used device is 4M x 8bit x 4Banks SDRAM
Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM,
4Banks, 4K Ref., 3.3V
Part No. HSD16M64B8A


Similar Part No. - HMD16M64B8A-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD16M64B8A-10L HANBIT-HMD16M64B8A-10L Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HMD16M64B8A-10L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CD642XS ELPIDA-MC-4516CD642XS Datasheet
136Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Siemens Semiconductor G...
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com