Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843001AI23 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS843001AI23
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843001AI23 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS843001AI23 Datasheet HTML 2Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 3Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 4Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 5Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 6Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 7Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 8Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 9Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
843001AGI-23
www.icst.com/products/hiperclocks.html
REV. B JANUARY 6, 2006
6
Integrated
Circuit
Systems, Inc.
ICS843001I-23
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL/LVCMOS
FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 6A. AC CHARACTERISTICS, V
CC = VCCA = VCCO_LVPECL, VCCO_LVCMOS = 3.3V±5%, TA = -40°C
TO
85°C
TABLE 5. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
Fz
H
M
y
c
n
e
u
q
e
r
F
5
.
7
14
5
.
9
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
5
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
l
e
v
e
L
e
v
i
r
D
1W
m
.
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
p
F
p
8
1
n
a
g
n
i
s
u
d
e
z
i
r
e
t
c
a
r
a
h
C
:
E
T
O
N
TABLE 6B. AC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, VCCO_LVPECL, VCCO_LVCMOS = 2.5V±5%,
TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
6
50
5
6z
H
M
t
D
P
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
,
y
a
l
e
D
o
t
K
L
C
T
U
O
_
F
E
R
D
B
Ts
n
t
)
Ø
(
t
ij
;
)
m
o
d
n
a
R
(
,
r
e
t
t
i
J
e
s
a
h
P
S
M
R
3
,
2
E
T
O
N
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
8
0
.
2
2
6D
B
Ts
p
f
O
C
V
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P
2
1
.
13
.
1z
H
G
L
t
L
E
S
_
e
m
i
T
t
c
e
l
e
S
D
B
Ts
m
L
t
M
_
e
m
i
T
k
c
o
L
L
L
P
D
B
Ts
m
t
R
t
/
F
t
u
p
t
u
O
e
m
i
T
ll
a
F
/
e
s
i
R
Q
n
/
Q%
0
8
o
t
%
0
20
0
5s
p
T
U
O
_
F
E
R%
0
8
o
t
%
0
20
0
5s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
Q
n
/
Q0
5%
T
U
O
_
F
E
R0
5%
V
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
C
C
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
S
O
M
C
V
L
_
O
C
C
.
t
u
p
t
u
o
e
h
t
f
o
2
/
.
l
a
t
s
y
r
c
z
t
r
a
u
q
z
H
M
4
4
.
9
1
a
g
n
i
s
u
d
e
r
u
s
a
e
m
r
e
t
t
ij
e
s
a
h
P
:
2
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
6
50
5
6z
H
M
t
D
P
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
,
y
a
l
e
D
o
t
K
L
C
T
U
O
_
F
E
R
D
B
Ts
n
t
)
Ø
(
t
ij
;
)
m
o
d
n
a
R
(
,
r
e
t
t
i
J
e
s
a
h
P
S
M
R
3
,
2
E
T
O
N
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
8
0
.
2
2
6D
B
Ts
p
f
O
C
V
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P
2
1
.
13
.
1z
H
G
L
t
L
E
S
_
e
m
i
T
t
c
e
l
e
S
D
B
Ts
m
L
t
M
_
e
m
i
T
k
c
o
L
L
L
P
D
B
Ts
m
t
R
t
/
F
t
u
p
t
u
O
e
m
i
T
ll
a
F
/
e
s
i
R
Q
n
/
Q%
0
8
o
t
%
0
20
0
5s
p
T
U
O
_
F
E
R%
0
8
o
t
%
0
20
0
5s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
Q
n
/
Q0
5%
T
U
O
_
F
E
R0
5%
V
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
C
C
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
S
O
M
C
V
L
_
O
C
C
.
t
u
p
t
u
o
e
h
t
f
o
2
/
.
l
a
t
s
y
r
c
z
t
r
a
u
q
z
H
M
4
4
.
9
1
a
g
n
i
s
u
d
e
r
u
s
a
e
m
r
e
t
t
ij
e
s
a
h
P
:
2
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N


Similar Part No. - ICS843001AI23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843001AI22 ICST-ICS843001AI22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843001AI23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004 ICST-ICS843004 Datasheet
299Kb / 16P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
843004 RENESAS-843004 Datasheet
356Kb / 20P
   FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer
5/26/15
logo
Integrated Circuit Syst...
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com