Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843001AI23 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS843001AI23
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843001AI23 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS843001AI23 Datasheet HTML 5Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 6Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 7Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 8Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 9Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 10Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 11Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 12Page - Integrated Circuit Systems ICS843001AI23 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
843001AGI-23
www.icst.com/products/hiperclocks.html
REV. B JANUARY 6, 2006
9
Integrated
Circuit
Systems, Inc.
ICS843001I-23
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL/LVCMOS
FREQUENCY SYNTHESIZER
PRELIMINARY
t
PD
V
CC
2
V
CCO_LVCMOS
2
REF_OUT
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q
CLK
RMS PHASE JITTER
PROPAGATION DELAY
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
nQ
OUTPUT RISE/FALL TIME
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
LVPECL OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
V
CCO_LVCMOS
2
t
PW
REF_OUT
LVCMOS OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD


Similar Part No. - ICS843001AI23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843001AI22 ICST-ICS843001AI22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843001AI23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004 ICST-ICS843004 Datasheet
299Kb / 16P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
843004 RENESAS-843004 Datasheet
356Kb / 20P
   FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer
5/26/15
logo
Integrated Circuit Syst...
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com