Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL27005DY-CH Datasheet(PDF) 4 Page - International Rectifier

Part # AFL27005DY-CH
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27005DY-CH Datasheet(HTML) 4 Page - International Rectifier

  AFL27005DY-CH Datasheet HTML 1Page - International Rectifier AFL27005DY-CH Datasheet HTML 2Page - International Rectifier AFL27005DY-CH Datasheet HTML 3Page - International Rectifier AFL27005DY-CH Datasheet HTML 4Page - International Rectifier AFL27005DY-CH Datasheet HTML 5Page - International Rectifier AFL27005DY-CH Datasheet HTML 6Page - International Rectifier AFL27005DY-CH Datasheet HTML 7Page - International Rectifier AFL27005DY-CH Datasheet HTML 8Page - International Rectifier AFL27005DY-CH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
AFL50XXS Series
Dynamic Characteristics -55°C < T
CASE < +125°C, VIN=50V
unless otherwise specified.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
LOAD TRANSIENT RESPONSE
AFL5005S
Amplitude
Recovery
Amplitude
Recovery
AFL5008S
Amplitude
Recovery
Amplitude
Recovery
AFL5009S
Amplitude
Recovery
Amplitude
Recovery
AFL5012S
Amplitude
Recovery
Amplitude
Recovery
AFL5015S
Amplitude
Recovery
Amplitude
Recovery
AFL5028S
Amplitude
Recovery
Amplitude
Recovery
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Note 2, 8
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
-450
-450
-500
-500
-600
-600
-750
-750
-750
-750
-1200
-1200
450
200
450
300
500
200
500
300
600
200
600
300
750
200
750
300
750
200
750
300
1200
200
1200
300
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
LINE TRANSIENT RESPONSE
Amplitude
Recovery
Note 1, 2, 3
VIN Step = 30 ⇔ 80 Volts
-500
500
500
mV
µSec
TURN-ON CHARACTERISTICS
Overshoot
Delay
4, 5, 6
4, 5, 6
VIN = 30, 50, 80 Volts. Note 4
Enable 1, 2 on. (Pins 4, 12 high or
open)
50
75
250
120
mV
mSec
LOAD FAULT RECOVERY
Same as Turn On Characteristics.
LINE REJECTION
MIL-STD-461D, CS101, 30Hz to 50KHz
Note 1
40
50
dB
Notes to Specifications:
1.
Parameters not 100% tested but are guaranteed to the limits specified in the table.
2.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of VOUT at 50% load.
3.
Line transient transition time
≥ 100 µSec.
4.
Turn-on delay is measured with an input voltage rise time of between 100 and 500 volts per millisecond.
5.
Current limit point is that condition of excess load causing output voltage to drop to 90% of nominal.
6.
Parameter verified as part of another test.
7.
All electrical tests are performed with the remote sense leads connected to the output leads at the load.
8.
Load transient transition time
≥ 10 µSec.
9.
Enable inputs internally pulled high. Nominal open circuit voltage
≈ 4.0VDC.


Similar Part No. - AFL27005DY-CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27005DY IRF-AFL27005DY Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27005DY/CH IRF-AFL27005DY/CH Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27005DY/CH IRF-AFL27005DY/CH Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27005DY/ES IRF-AFL27005DY/ES Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27005DY/ES IRF-AFL27005DY/ES Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AFL27005DY-CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com