Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT68520EF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NT68520EF
Description  XGA,SXGA Flat Panel Monitor Controller
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT68520EF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NT68520EF Datasheet HTML 1Page - List of Unclassifed Manufacturers NT68520EF Datasheet HTML 2Page - List of Unclassifed Manufacturers NT68520EF Datasheet HTML 3Page - List of Unclassifed Manufacturers NT68520EF Datasheet HTML 4Page - List of Unclassifed Manufacturers NT68520EF Datasheet HTML 5Page - List of Unclassifed Manufacturers NT68520EF Datasheet HTML 6Page - List of Unclassifed Manufacturers NT68520EF Datasheet HTML 7Page - List of Unclassifed Manufacturers NT68520EF Datasheet HTML 8Page - List of Unclassifed Manufacturers NT68520EF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
2003/4/15
5
NT68520X,E
Ver.1.0
♦ Support simultaneous display of up to 4 OSD windows
♦ Programmable shadow display for each window
♦ Each OSD row can be independently zoomed up to 4 times for horizontal and
vertical axes
♦ Support transparent, translucent, and opaque effects
♦ 16 colors for foreground display and background display selected from internal color
palette
Display Interface
♦ Display resolution up to 1024x768@75Hz for X type and 1280x768@75Hz for E
type
♦ Support single pixel mode (18-bit) and dual pixel mode (24-bit)
MCU Interface
♦ Support serial 2-wire IIC bus
Power
♦ 3.3V power supply
Less than 2.5 W


Similar Part No. - NT68520EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
   IIC Bus Controlled On-Screen Display
NT6828 ETC-NT6828 Datasheet
1Mb / 31P
   I2C Bus Controlled On-Screen Display
NT6828K ETC-NT6828K Datasheet
1Mb / 31P
   I2C Bus Controlled On-Screen Display
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6861U ETC-NT6861U Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
More results

Similar Description - NT68520EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTL003 ETC-MTL003 Datasheet
447Kb / 64P
   SXGA Flat Panel Controller
MTL007 ETC2-MTL007 Datasheet
291Kb / 65P
   SXGA Flat Panel Controller
MTL004 ETC1-MTL004 Datasheet
361Kb / 54P
   XGA Flat Panel Controller
MTL005 ETC-MTL005 Datasheet
353Kb / 50P
   XGA Flat Panel Controller
GM5110 ETC1-GM5110 Datasheet
1Mb / 51P
   XGA/SXGA LCD Controller
GM2120 ETC-GM2120 Datasheet
1Mb / 49P
   XGA/SXGA LCD Monitor Controller with Intergrated Analog Interface
logo
NXP Semiconductors
SAA6713AH PHILIPS-SAA6713AH Datasheet
498Kb / 100P
   XGA analog input flat panel controller
2004 Apr 05
SAA6713H PHILIPS-SAA6713H Datasheet
521Kb / 103P
   XGA dual input flat panel controller
2004 Apr 05
logo
List of Unclassifed Man...
GM2115 ETC-GM2115 Datasheet
1Mb / 54P
   ANALOG INTER FACE XGA/SXGA ONPANEL LCD PANEL CONTROLLER
logo
Advantech Co., Ltd.
IDS-3219 ADVANTECH-IDS-3219 Datasheet
456Kb / 2P
   19 SXGA Industrial Panel Mount Monitor
24-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com