Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843002AG-01T Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS843002AG-01T
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843002AG-01T Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS843002AG-01T Datasheet HTML 1Page - Integrated Circuit Systems ICS843002AG-01T Datasheet HTML 2Page - Integrated Circuit Systems ICS843002AG-01T Datasheet HTML 3Page - Integrated Circuit Systems ICS843002AG-01T Datasheet HTML 4Page - Integrated Circuit Systems ICS843002AG-01T Datasheet HTML 5Page - Integrated Circuit Systems ICS843002AG-01T Datasheet HTML 6Page - Integrated Circuit Systems ICS843002AG-01T Datasheet HTML 7Page - Integrated Circuit Systems ICS843002AG-01T Datasheet HTML 8Page - Integrated Circuit Systems ICS843002AG-01T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
843002AG-01
www.icst.com/products/hiperclocks.html
REV. B MAY 6, 2005
4
Integrated
Circuit
Systems, Inc.
ICS843002-01
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL FREQUENCY SYNTHESIZER
TABLE 5. AC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V±10%, TA = -30°C
TO
85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
0
=
]
0
:
,
1
[
L
E
S
_
F0
4
10
7
1z
H
M
1
0
=
]
0
:
,
1
[
L
E
S
_
F2
1
16
3
1z
H
M
0
1
=
]
0
:
,
1
[
L
E
S
_
F6
58
6z
H
M
t
)
o
(
k
s2
,
1
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
2s
p
t
)
Ø
(
t
ij3
E
T
O
N
;
r
e
t
t
i
J
e
s
a
h
P
S
M
R
)
z
H
M
0
2
-
z
H
M
5
7
8
.
1
(
,
z
H
M
5
2
.
6
5
14
5
.
0s
p
)
z
H
M
0
2
-
z
H
M
5
7
8
.
1
(
,
z
H
M
5
2
10
6
.
0s
p
)
z
H
M
0
2
-
z
H
M
5
7
8
.
1
(
,
z
H
M
5
.
2
69
7
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
6s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
9
41
5%
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
C
C
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
2
E
T
O
N
.
d
e
s
u
e
c
r
u
o
s
t
u
p
n
i
e
h
t
n
o
t
n
e
d
n
e
p
e
d
s
i
r
e
t
t
ij
e
s
a
h
P
:
3
E
T
O
N
TABLE 4. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
4
.
2
25
22
.
7
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
5
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
.
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
p
F
p
8
1
n
a
g
n
i
s
u
d
e
z
i
r
e
t
c
a
r
a
h
C
:
E
T
O
N


Similar Part No. - ICS843002AG-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843002AG-01LF IDT-ICS843002AG-01LF Datasheet
289Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843002AG-01LFT IDT-ICS843002AG-01LFT Datasheet
289Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results

Similar Description - ICS843002AG-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com