Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2485ESQ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2485ESQ
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485ESQ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX2485ESQ Datasheet HTML 1Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 2Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 3Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 4Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 5Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 6Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 7Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 8Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Connection Diagram
Top View
24-Pin LLP (SQ)
20087722
Pin Descriptions
Pin #
Pin
Name
I/O
Pin Description
0
GND
-
Ground Substrate. This is on the bottom of the package and must be grounded.
1
CPoutRF
O
RF PLL charge pump output.
2
GND
-
RF PLL analog ground.
3
VddRF1
-
RF PLL analog power supply.
4
FinRF
I
RF PLL high frequency input pin.
5
FinRF*
I
RF PLL complementary high frequency input pin. Shunt to ground with a 100 pF
capacitor.
6
LE
I
MICROWIRE Load Enable. High impedance CMOS input. Data stored in the shift
registers is loaded into the internal latches when LE goes HIGH
7
DATA
I
MICROWIRE Data. High impedance binary serial data input.
8
CLK
I
MICROWIRE Clock. High impedance CMOS Clock input. Data for the various counters is
clocked into the 24 bit shift register on the rising edge
9
VddRF2
-
Power supply for RF PLL digital circuitry.
10
CE
I
Chip Enable control pin. Must be pulled high for normal operation.
11
VddRF5
I
Power supply for RF PLL circuitry.
12
Ftest/LD
O
Test frequency output / Lock Detect.
13
FinIF
I
IF PLL high frequency input pin.
14
VddIF1
-
IF PLL analog power supply.
15
GND
-
IF PLL digital ground.
16
CPoutIF
O
IF PLL charge pump output
17
VddIF2
-
IF PLL power supply.
18
OSCout
O
Buffered output of the OSCin signal.
19
ENOSC
I
Oscillator enable. When this is set to high, the OSCout pin is enabled regardless of the
state of other pins or register bits.
20
OSCin
I
Input for TCXO signal.
21
NC
I
This pin must be left open.
22
VddRF3
-
Power supply for RF PLL digital circuitry.
23
FLoutRF
O
RF PLL Fastlock Output. Also functions as Programmable TRI-STATE CMOS output.
24
VddRF4
-
RF PLL analog power supply.
www.national.com
2


Similar Part No. - LMX2485ESQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2485ESQ NSC-LMX2485ESQ Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485ESQ NSC-LMX2485ESQ Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
logo
Texas Instruments
LMX2485ESQ TI1-LMX2485ESQ Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
LMX2485ESQ/NOPB TI1-LMX2485ESQ/NOPB Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2485ESQX NSC-LMX2485ESQX Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
More results

Similar Description - LMX2485ESQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com