Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL2809DY-CH Datasheet(PDF) 5 Page - International Rectifier

Part # AFL2809DY-CH
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2809DY-CH Datasheet(HTML) 5 Page - International Rectifier

  AFL2809DY-CH Datasheet HTML 1Page - International Rectifier AFL2809DY-CH Datasheet HTML 2Page - International Rectifier AFL2809DY-CH Datasheet HTML 3Page - International Rectifier AFL2809DY-CH Datasheet HTML 4Page - International Rectifier AFL2809DY-CH Datasheet HTML 5Page - International Rectifier AFL2809DY-CH Datasheet HTML 6Page - International Rectifier AFL2809DY-CH Datasheet HTML 7Page - International Rectifier AFL2809DY-CH Datasheet HTML 8Page - International Rectifier AFL2809DY-CH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.irf.com
5
AFL50XXS Series
AFL50XXS Circuit Description
Figure I. AFL Single Output Block Diagram
Figure II. Enable Input Equivalent Circuit
Circuit Operation and Application Information
Inhibiting Converter Output
As an alternative to application and removal of the DC volt-
age to the input, the user can control the converter output
by providing TTL compatible, positive logic signals to either
of two enable pins (pin 4 or 12). The distinction between
these two signal ports is that enable 1 (pin 4) is referenced
to the input return (pin 2) while enable 2 (pin 12) is refer-
enced to the output return (pin 8). Thus, the user has
access to an inhibit function on either side of the isolation
barrier. Each port is internally pulled “high” so that when not
used, an open connection on both enable pins permits nor-
mal converter operation. When their use is desired, a logi-
cal “low” on either port will shut the converter down.
1
DC Input
Enable 1
4
Sync Output
5
6
Sync Input
Case
3
2
Input Return
Input
Filter
Primary
Bias Supply
Control
FB
Output
Filter
Current
Sense
Error
Amp
& Ref
Share
Amplifier
Sense
Amplifier
7
+Output
10
+Sense
11
Share
12
Enable 2
9
-Sense
8
Output Return
The AFL series of converters employ a forward switched
mode converter topology. (refer to Figure I.) Operation of
the device is initiated when a DC voltage whose magnitude
is within the specified input limits is applied between pins 1
and 2. If pin 4 is enabled (at a logical 1 or open) the primary
bias supply will begin generating a regulated housekeeping
voltage bringing the circuitry on the primary side of the
converter to life. A power MOSFET is used to chop the DC
input voltage into a high frequency square wave, applying
this chopped voltage to the power transformer at the nomi-
nal converter switching frequency. Maintaining a DC volt-
age within the specified operating range at the input as-
sures continuous generation of the primary bias voltage.
The switched voltage impressed on the secondary output
transformer winding is rectified and filtered to generate the
converter DC output voltage. An error amplifier on the sec-
ondary side compares the output voltage to a precision
reference and generates an error signal proportional to the
difference. This error signal is magnetically coupled through
the feedback transformer into the controller section of the
converter varying the pulse width of the square wave signal
driving the MOSFET, narrowing the width if the output volt-
age is too high and widening it if it is too low, thereby regulat-
ing the output voltage.
Remote Sensing
Connection of the + and - sense leads at a remotely located
load permits compensation for excessive resistance be-
tween the converter output and the load when their physical
separation could cause undesirable voltage drop. This con-
nection allows regulation to the placard voltage at the point
of application. When the remote sensing feature is not used,
the sense lead should be connected to their respective
output terminals at the converter. Figure III. illustrates a
typical remotely sensed application.
D isable
100K
290K
180K
1N 4 148
2N 3 904
+5.6 V
P in 4 o r
P in 12
P in 2 o r
Pin 8


Similar Part No. - AFL2809DY-CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2809DY IRF-AFL2809DY Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2809DY/CH IRF-AFL2809DY/CH Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2809DY/ES IRF-AFL2809DY/ES Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2809DY/HB IRF-AFL2809DY/HB Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2809DYCH IRF-AFL2809DYCH Datasheet
458Kb / 16P
   270V Input, Single Output
More results

Similar Description - AFL2809DY-CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com