Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7536S-15 Datasheet(PDF) 10 Page - Anachip Corp

Part # PA7536S-15
Description  PEEL Array-TM Programmable Electrically Erasable Logic Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PA7536S-15 Datasheet(HTML) 10 Page - Anachip Corp

Back Button PA7536S-15 Datasheet HTML 2Page - Anachip Corp PA7536S-15 Datasheet HTML 3Page - Anachip Corp PA7536S-15 Datasheet HTML 4Page - Anachip Corp PA7536S-15 Datasheet HTML 5Page - Anachip Corp PA7536S-15 Datasheet HTML 6Page - Anachip Corp PA7536S-15 Datasheet HTML 7Page - Anachip Corp PA7536S-15 Datasheet HTML 8Page - Anachip Corp PA7536S-15 Datasheet HTML 9Page - Anachip Corp PA7536S-15 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
04-02-052A
Table 6. Ordering Information
Part Number
Speed
Temperature
Package
PA7536P-15
P28
PA7536J-15
J28
PA7536S-15
C
S28
PA7536PI-15
P28
PA7536JI-15
J28
PA7536SI-15
9/15ns
I
S28
Figure 17. Part Number
Device
Suffix
PA7536JI-15
Package
P = Plastic 600mil DIP
S = SOIC
J = Plastic (J) Leaded Chip Carrier (PLCC)
Speed
-15 = 9ns/15ns tpd/tpdx
Temperature Range
(Blank) = Commercial 0 to 70° C
I = Industrial -40 to +85° C
08-16-017A
Anachip USA, Inc.
780 Montague Expressway, #201
San Jose, CA 95131
TEL (408) 321-9600
FAX (408) 321-9696
Email:
sales_usa@anachip.com
Website:
http://www.anachip.com
©2002 Anachip Corp.
Anachip reserves the right to make changes in specifications at any time and without notice. The information furnished by
Anachip in this publication is believed to be accurate and reliable. However, there is no responsibility assumed by Anachip
for its use nor for any infringements of patents or other rights of third parties resulting from its use. No license is granted
under any patents or patent rights of Anachip. Anachip’s products are not authorized for use as critical components in life
support devices or systems.
Marks bearing
© or ™ are registered trademarks and trademarks of Anachip Corp.


Similar Part No. - PA7536S-15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
PA75358CP TOSHIBA-PA75358CP Datasheet
329Kb / 10P
   SILICON MONOLITHIC (DUAL POERATIONAL AMPLIFIER)
More results

Similar Description - PA7536S-15

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
   Programmable Electrically Erasable Logic Array
logo
Anachip Corp
PA7572 ANACHIP-PA7572 Datasheet
323Kb / 10P
   Programmable Electrically Erasable Logic Array
logo
List of Unclassifed Man...
PEEL16V8P-15 ETC2-PEEL16V8P-15 Datasheet
206Kb / 10P
   PEEL??V8 -15/-25 CMOS Programmable Electrically Erasable Logic
logo
Anachip Corp
PEEL22CV10AP-7 ANACHIP-PEEL22CV10AP-7 Datasheet
248Kb / 10P
   PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com