Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16CP596B1R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STP16CP596B1R
Description  LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STP16CP596B1R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STP16CP596B1R Datasheet HTML 1Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 2Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 3Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 4Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 5Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 6Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 7Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 8Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STP16CP596
4/18
Table 7: Electrical Characteristics (VDD=3.3V to 5V, T = 25°C, unless otherwise specified.)
Table 8: Switching Characteristics (VDD=3V, T = 25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input Voltage High Level
0.7VDD
VDD
V
VIL
Input Voltage Low Level
GND
0.3VDD
V
IOH
Output Leakage Current
VOH = 16 V
10
µA
VOL
Output Voltage (Serial-OUT) IOL = 1mA
0.4
V
VOH
Output Voltage (Serial-OUT) IOH = -1mA
VDD-0.4V
V
IOL1A
Output Current
VO = ≥0.2V, REXT=6.2KΩ, VDD=3.3V
2.85
3
3.15
mA
IOL2A
VO = ≥0.5V, REXT=1KΩ, VDD = 3.3V
19.6
20
20.4
mA
∆IOL1A
Output Current Error
between bit (All Output ON)
VO = ≥0.2V, REXT=6.2KΩ, VDD=3.3V
± 4
± 6
%
∆IOL2A
VO = ≥0.5V, REXT=1KΩ, VDD = 3.3V
± 2
± 3
%
IOL1B
Output Current
VO = ≥0.2V, REXT=6.2KΩ, VDD=5V
2.9
3
3.1
mA
IOL2B
VO = ≥0.5V, REXT=1KΩ, VDD = 5V
19.6
20
20.4
mA
∆IOL1B
Output Current Error
between bit (All Output ON)
VO = ≥0.2V, REXT=6.2KΩ, VDD=5V
± 2
± 3.5
%
∆IOL2B
VO = ≥0.5V, REXT=1KΩ, VDD = 5V
± 1
± 2
%
RSIN(up)
Pull-up Resistor
150
300
600
K
RSIN(down) Pull-down Resistor
100
200
400
K
IDD(OFF1) Supply Current (OFF)
REXT = OPEN OUT 0 to 15 = OFF
0.3
mA
IDD(OFF2)
REXT = 6.2KΩ OUT 0 to 15 = OFF
1
IDD(OFF3)
REXT = 1KΩ
OUT 0 to 15 = OFF
3
IDD(ON1)
Supply Current (ON)
REXT = 6.2KΩ OUT 0 to 15 = ON
1
IDD(ON2)
REXT = 1KΩ
OUT 0 to 15 = ON
3
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH1
Propagation Delay Time,
CLK-OUTn, /LE = H, /OE = L
VDD = 3 V
VIH = VDD
VIL = GND
CL = 13pF
IO = 40mA
VL = 3 V
REXT = 470 Ω
RL = 65 Ω
250
280
ns
tPLH2
Propagation Delay Time,
/LE-OUTn, /OE = L
220
250
ns
tPLH3
Propagation Delay Time,
/OE-OUTn, /LE = H
200
250
ns
tPLH
Propagation Delay Time,
CLK-SDO
25
50
ns
tPHL1
Propagation Delay Time,
CLK-OUTn, /LE = H, /OE = L
25
50
ns
tPHL2
Propagation Delay Time,
/LE-OUTn, /OE = L
25
50
ns
tPHL3
Propagation Delay Time,
/OE-OUTn, /LE = H
50
70
ns
tPHL
Propagation Delay Time,
CLK-SDO
25
50
ns
tON
Output Rise Time
10 ~ 90% of voltage waveform
260
400
ns
tOFF
Output Fall Time
90 ~ 10% of voltage waveform
50
80
ns


Similar Part No. - STP16CP596B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CP596B1R STMICROELECTRONICS-STP16CP596B1R Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
More results

Similar Description - STP16CP596B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
   Low voltage 16-bit constant current LED sink driver
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
   Low voltage 16-bit constant current LED sink driver
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com