Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843002I Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS843002I
Description  FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843002I Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS843002I Datasheet HTML 7Page - Integrated Circuit Systems ICS843002I Datasheet HTML 8Page - Integrated Circuit Systems ICS843002I Datasheet HTML 9Page - Integrated Circuit Systems ICS843002I Datasheet HTML 10Page - Integrated Circuit Systems ICS843002I Datasheet HTML 11Page - Integrated Circuit Systems ICS843002I Datasheet HTML 12Page - Integrated Circuit Systems ICS843002I Datasheet HTML 13Page - Integrated Circuit Systems ICS843002I Datasheet HTML 14Page - Integrated Circuit Systems ICS843002I Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
843002AGI
www.icst.com/products/hiperclocks.html
REV. A JANUARY 4, 2006
11
Integrated
Circuit
Systems, Inc.
ICS843002I
FEMTOCLOCKS™ CRYSTAL-TO-3.3V, 2.5V
LVPECL FREQUENCY SYNTHESIZER
LAYOUT GUIDELINE
Figure 5A shows a schematic example of the ICS843002I. An
example of LVEPCL termination is shown in this schematic.
Additional LVPECL termination approaches are shown in the
LVPECL Termination Application Note. In this example, an
FIGURE 5A. ICS843002I SCHEMATIC EXAMPLE
18pF parallel resonant 26.5625MHz crystal is used. The
C1=27pF and C2=33pF are recommended for frequency ac-
curacy. For different board layout, the C1 and C2 may be
slightly adjusted for optimizing frequency accuracy.
FIGURE 5B. ICS843002I PC BOARD LAYOUT EXAMPLE
PC BOARD LAYOUT EXAMPLE
Figure 5B shows an example of ICS843002I P.C. board layout.
The crystal X1 footprint shown in this example allows installa-
tion of either surface mount HC49S or through-hole HC49 pack-
age.The footprints of other components in this example are listed
in the Table 6. There should be at least one decoupling capacitor
per power pin. The decoupling capacitors should be located as
close as possible to the power pins. The layout assumes that
the board has clean analog power ground plane.
TABLE 6. FOOTPRINT TABLE
e
c
n
e
r
e
f
e
Re
z
i
S
2
C
,
1
C2
0
4
0
3
C5
0
8
0
8
C
,
7
C
,
6
C
,
5
C
,
4
C3
0
6
0
2
R3
0
6
0
s
e
z
i
s
t
n
e
n
o
p
m
o
c
s
t
s
il
,
6
e
l
b
a
T
:
E
T
O
N
.
e
l
p
m
a
x
e
t
u
o
y
a
l
s
i
h
t
n
i
n
w
o
h
s
ICS843002I
C7
0.1u
C1
27pF
Zo = 50 Ohm
C4
0.01u
C9
0.1u
To Logic
Input
pins
VCC
U1
ICS843002i
R9
50
Logic Control Input Examples
VCC
Set Logic
Input to
'0'
R3
133
Set Logic
Input to
'1'
R8
50
Zo = 50 Ohm
RU2
Not Install
Zo = 50 Ohm
R2
10
C6
0.1u
R4
82.5
R7
50
R5
133
C3
10uF
VCCO=3.3V
+
-
Optional Termination
RD1
Not Install
VCC
VCCO
VCC=3.3V
+
-
VCCA
3.3V
RD2
1K
To Logic
Input
pins
VCCO
C2
33pF
C8
0.1u
RU1
1K
Zo = 50 Ohm
VCC
18pF
X1
26.5625MHz
R6
82.5


Similar Part No. - ICS843002I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-40 ICST-ICS843002I-40 Datasheet
275Kb / 21P
   175MHZ, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS843002I-40 IDT-ICS843002I-40 Datasheet
3Mb / 23P
   175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS843002I-41 ICST-ICS843002I-41 Datasheet
277Kb / 21P
   700MHz, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS843002I-41 IDT-ICS843002I-41 Datasheet
3Mb / 23P
   700MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
More results

Similar Description - ICS843002I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004I ICST-ICS843004I Datasheet
256Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843003I-01 ICST-ICS843003I-01 Datasheet
197Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com