Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS651G-03 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS651G-03
Description  VOIP Clock Source
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS651G-03 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS651G-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS651-03
MDS 651-03 A
1
Revision 112603
Integrated Circuit Systems 525 Race Street, San Jose, CA 95126 tel (408) 297-1201www.icst.com
VOIP Clock Source
Description
The ICS651-03 is a low cost frequency generator
designed to support voice-over-internet protocol
(VOIP) applications. Using analog/digital
Phase-Locked Loop (PLL) techniques, the device uses
a standard fundamental mode, inexpensive crystal
input to produce four output clocks supporting DSP,
video encoder, and memory functions. To form a
complete VOIP clocking solution use the ICS651-02
companion device.
The device also has a power down feature that
tri-states the clock outputs and turns off the PLL when
the PDTS pin is taken low.
Features
Packaged in 16-pin TSSOP
Replaces multiple crystals and oscillators
Input crystal or clock frequency of 27 MHz
Fixed reference output frequency of 80 MHz
Fixed output frequency of 48 MHz
Fixed output frequency of 25 MHz
Reference output frequency of 27 MHz
Duty cycle of 40/60
Operating voltage of 3.3 V
Advanced, low power CMOS process
Block Diagram
X1
X2
PLL1
PLL2
Crystal
Oscillator/
Clock
Buffer
27 MHz
crystal
input
External capacitors
may be required.
VDD
GND
PDTS (all outputs and PLLs)
80M
6
3
25M
48M
REF


Similar Part No. - ICS651G-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results

Similar Description - ICS651G-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
   Audio Clock Source
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
   Broadcom Clock Source
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
logo
Integrated Device Techn...
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
   NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
   NETWORKING CLOCK SOURCE
REV F 051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com