Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843081AGI-01 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS843081AGI-01
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK MULTIPLIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843081AGI-01 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS843081AGI-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS843081AGI-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS843081AGI-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS843081AGI-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS843081AGI-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS843081AGI-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS843081AGI-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS843081AGI-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS843081AGI-01 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
843081AGI-01
www.icst.com/products/hiperclocks.html
REV. B JANUARY 23, 2006
8
Integrated
Circuit
Systems, Inc.
ICS843081I-01
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL CLOCK MULTIPLIER
TERMINATION FOR 3.3V LVPECL OUTPUT
The clock layout topology shown below is a typical termina-
tion for LVPECL outputs. The two different layouts mentioned
are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, termi-
nating resistors (DC current path to ground) or current sources
must be used for functionality. These outputs are designed
FIGURE 3B. LVPECL OUTPUT TERMINATION
FIGURE 3A. LVPECL OUTPUT TERMINATION
to drive 50
Ω transmission lines. Matched impedance tech-
niques should be used to maximize operating frequency and
minimize signal distortion. Figures 3A and 3B show two dif-
ferent layouts which are recommended only as guidelines.
Other suitable clock layouts may exist and it would be rec-
ommended that the board designers simulate to guarantee
compatibility across all printed circuit and clock component
process variations.
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN


Similar Part No. - ICS843081AGI-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-51 ICST-ICS8430-51 Datasheet
151Kb / 16P
   600MHZ, LOW JITTER LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843081AGI-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
ICS843031-01 IDT-ICS843031-01 Datasheet
304Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843021I-01 IDT-ICS843021I-01 Datasheet
704Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
   FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843081I-01 IDT-843081I-01 Datasheet
215Kb / 16P
   FemtoClock짰 Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
logo
Renesas Technology Corp
843031-01 RENESAS-843031-01 Datasheet
546Kb / 17P
   FemtoClocks® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/15/15
logo
Integrated Circuit Syst...
ICS843023I ICST-ICS843023I Datasheet
196Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
843081I-01 RENESAS-843081I-01 Datasheet
425Kb / 17P
   FemtoClock® Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
11/5/15
logo
Integrated Circuit Syst...
ICS843021I-01 ICST-ICS843021I-01 Datasheet
219Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com