Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843081AGI-01T Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS843081AGI-01T
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK MULTIPLIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843081AGI-01T Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS843081AGI-01T Datasheet HTML 6Page - Integrated Circuit Systems ICS843081AGI-01T Datasheet HTML 7Page - Integrated Circuit Systems ICS843081AGI-01T Datasheet HTML 8Page - Integrated Circuit Systems ICS843081AGI-01T Datasheet HTML 9Page - Integrated Circuit Systems ICS843081AGI-01T Datasheet HTML 10Page - Integrated Circuit Systems ICS843081AGI-01T Datasheet HTML 11Page - Integrated Circuit Systems ICS843081AGI-01T Datasheet HTML 12Page - Integrated Circuit Systems ICS843081AGI-01T Datasheet HTML 13Page - Integrated Circuit Systems ICS843081AGI-01T Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
843081AGI-01
www.icst.com/products/hiperclocks.html
REV. B JANUARY 23, 2006
10
Integrated
Circuit
Systems, Inc.
ICS843081I-01
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL CLOCK MULTIPLIER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS843081I-01.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS843081I-01 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)
MAX = VCC_MAX * IEE_TYP = 3.465V * 78mA = 270.27mW
Power (outputs)
MAX = 30mW/Loaded Output pair
Total Power
_MAX (3.465V, with all outputs switching) = 270.27mW + 30mW = 300.27mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 1 meter per second and a multi-layer board, the appropriate value is 90.5°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.300W * 90.5°C/W = 112°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
TABLE 6.THERMAL RESISTANCE
θθθθθ
JA
FOR
8-PIN TSSOP, FORCED CONVECTION
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
101.7°C/W
90.5°C/W
89.8°C/W


Similar Part No. - ICS843081AGI-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-51 ICST-ICS8430-51 Datasheet
151Kb / 16P
   600MHZ, LOW JITTER LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843081AGI-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
ICS843031-01 IDT-ICS843031-01 Datasheet
304Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843021I-01 IDT-ICS843021I-01 Datasheet
704Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
   FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843081I-01 IDT-843081I-01 Datasheet
215Kb / 16P
   FemtoClock짰 Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
logo
Renesas Technology Corp
843031-01 RENESAS-843031-01 Datasheet
546Kb / 17P
   FemtoClocks® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/15/15
logo
Integrated Circuit Syst...
ICS843023I ICST-ICS843023I Datasheet
196Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
843081I-01 RENESAS-843081I-01 Datasheet
425Kb / 17P
   FemtoClock® Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
11/5/15
logo
Integrated Circuit Syst...
ICS843021I-01 ICST-ICS843021I-01 Datasheet
219Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com